Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V125IA7XTC-DR Datasheet(PDF) 8 Page - ON Semiconductor

Part # MT9V125IA7XTC-DR
Description  PAL CMOS Digital Image Sensor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V125IA7XTC-DR Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MT9V125IA7XTC-DR Datasheet HTML 4Page - ON Semiconductor MT9V125IA7XTC-DR Datasheet HTML 5Page - ON Semiconductor MT9V125IA7XTC-DR Datasheet HTML 6Page - ON Semiconductor MT9V125IA7XTC-DR Datasheet HTML 7Page - ON Semiconductor MT9V125IA7XTC-DR Datasheet HTML 8Page - ON Semiconductor MT9V125IA7XTC-DR Datasheet HTML 9Page - ON Semiconductor MT9V125IA7XTC-DR Datasheet HTML 10Page - ON Semiconductor MT9V125IA7XTC-DR Datasheet HTML 11Page - ON Semiconductor MT9V125IA7XTC-DR Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
MT9V125_DS Rev.. W 6/15 EN
8
©Semiconductor Components Industries, LLC,2015.
MT9V125: SOC VGA Digital Image Sensor
Typical Connections
Typical Connections
Figure 3 shows a detailed MT9V125 device configuration. For low-noise operation, the
MT9V125 requires separate analog and digital power supplies. Incoming digital and
analog ground conductors can be tied together next to the die.
Power supply voltages VAA (the primary analog voltage) and VAAPIX (the main voltage to
the pixel array) should be decoupled from ground with an LC filter. The MT9V125
requires a single external voltage supply level.
Figure 3:
Typical Configuration Without Use of Overlay
Notes:
1. MT9V125 STANDBY can be connected directly to the customer’s ASIC controller or to DGND, depend-
ing on the controller’s capability.
2. A 1.5K resistor value is recommended, but may be greater for slower two-wire speed (for exam-
ple, 100 KB/sec).
3. LVDS_ENABLE must be tied HIGH if LVDS is to be used.
4. Pull down DAC_REF with a 2.8K resistor for 1.0V peak-to-peak video output.
5. VAA and VAAPIX must be tied to the same potential for proper operation.
6. Low pass filter (3dB attenuation at 4.2 MHz).
AGND
0.1µF
0.1µF
VAA
DGND
1µF
VDD
VAAPIX
1µF
AGND
0.1µF
1µF
VDD
Power
VAA
Power
SDATA
SCLK
RESET_BAR
LVDS_ENABLE3
FRAME_VALID
PIXCLK
LINE_VALID
DOUT[7:0]
EXTCLK
SADDR
STANDBY1
DGND
AGND
DGND
AGND
VDD
VAA
VAAPIX
Two-Wire
Serial Interface
Master Clock
STANDBY from
Controller
or Digital GND
PEDESTAL
NTSC_PAL_SELECT
HORIZ_FLIP
DAC_NEG
DAC_POS
LVDS_NEG
LVDS_POS
DAC_REF
DIN[7:0]
DIN_CLK
DOUT_LSB[1:0]
RSVD
75
Ω Terminated Receiver
VDDDAC
Power
VDDPLL
Power
VDDDAC
VDDPLL
8
2
Low Pass Filter6
VAAPIX5
Power


Similar Part No. - MT9V125IA7XTC-DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V124 ONSEMI-MT9V124 Datasheet
1Mb / 42P
   Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Rev.C Pub. 5/15 EN
MT9V124 ONSEMI-MT9V124 Datasheet
420Kb / 27P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
September, 2017 ??Rev. 4
MT9V124D00STCK22DC1-200 ONSEMI-MT9V124D00STCK22DC1-200 Datasheet
1Mb / 42P
   Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Rev.C Pub. 5/15 EN
MT9V124D00STCK22DC1-200 ONSEMI-MT9V124D00STCK22DC1-200 Datasheet
420Kb / 27P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
September, 2017 ??Rev. 4
MT9V124EBKSTC-CR ONSEMI-MT9V124EBKSTC-CR Datasheet
1Mb / 42P
   Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Rev.C Pub. 5/15 EN
More results

Similar Description - MT9V125IA7XTC-DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com