Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V138C12STC-DP Datasheet(PDF) 9 Page - ON Semiconductor

Part # MT9V138C12STC-DP
Description  Inch Color CMOS NTSC/PAL Digital Image SOC with Overlay Processor
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V138C12STC-DP Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MT9V138C12STC-DP Datasheet HTML 5Page - ON Semiconductor MT9V138C12STC-DP Datasheet HTML 6Page - ON Semiconductor MT9V138C12STC-DP Datasheet HTML 7Page - ON Semiconductor MT9V138C12STC-DP Datasheet HTML 8Page - ON Semiconductor MT9V138C12STC-DP Datasheet HTML 9Page - ON Semiconductor MT9V138C12STC-DP Datasheet HTML 10Page - ON Semiconductor MT9V138C12STC-DP Datasheet HTML 11Page - ON Semiconductor MT9V138C12STC-DP Datasheet HTML 12Page - ON Semiconductor MT9V138C12STC-DP Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
MT9V138: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Architecture
MT9V138 DS Rev. D Pub. 5/15 EN
9
©Semiconductor Components Industries, LLC,2015.
Architecture
Internal Block Diagram
Figure 1:
Internal Block Diagram
Note:
The active array is smaller than the sensor array.
Image Flow Processor
C o lo r &G a m m a C o r r ection
C o lo r Sp ace C o nver sion
Ed ge Enhancem ent
Camera Control
AW B
AE
Ove r la y
G r aphics
G e ner atio n
¼” VG A R O I
@ 60 F r am es
/s
640 x 480
Active Array
VideoEncoder
DAC
SPI &2W I/F
Interface
SPI
4
2
8
10
NT SC/
PAL
BT-656
2. 8 V
1. 8 V
Two-Wire I/F


Similar Part No. - MT9V138C12STC-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
MT9V131C12STC-DR ONSEMI-MT9V131C12STC-DR Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
MT9V131C12STC-TR ONSEMI-MT9V131C12STC-TR Datasheet
753Kb / 33P
   Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
logo
Micron Technology
MT9V135C12STC MICRON-MT9V135C12STC Datasheet
579Kb / 17P
   1/4-Inch System-On-A-Chip (SOC) VGA NTSC/PAL CMOS Digital Image Sensor
MT9V135C12STCD MICRON-MT9V135C12STCD Datasheet
579Kb / 17P
   1/4-Inch System-On-A-Chip (SOC) VGA NTSC/PAL CMOS Digital Image Sensor
More results

Similar Description - MT9V138C12STC-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V136 ONSEMI-MT9V136 Datasheet
2Mb / 82P
   Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. J Pub. 6/15 EN
MT9V137 ONSEMI-MT9V137 Datasheet
2Mb / 79P
   Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. E Pub. 4/15 EN
logo
List of Unclassifed Man...
ASX340 ETC2-ASX340 Datasheet
2Mb / 78P
   1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
logo
ON Semiconductor
MT9V126 ONSEMI-MT9V126 Datasheet
2Mb / 89P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC with Distortion Correction and Overlay Processor
Rev. J
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
ASX340CS ONSEMI-ASX340CS Datasheet
2Mb / 74P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
Rev. F Pub. 6/15 EN
MT9V127 ONSEMI-MT9V127 Datasheet
2Mb / 82P
   1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. G Pub. 5/15 EN
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
   Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
ASX340AT ONSEMI-ASX340AT_16 Datasheet
1Mb / 54P
   1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
October, 2016 ??Rev. 10
logo
Pixart Imaging Inc.
PAC7366 PIXART-PAC7366 Datasheet
608Kb / 23P
   NTSC/PAL DIGITAL IMAGE SOC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com