Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB16N25E Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTB16N25E
Description  High Energy Power FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB16N25E Datasheet(HTML) 1 Page - ON Semiconductor

  MTB16N25E Datasheet HTML 1Page - ON Semiconductor MTB16N25E Datasheet HTML 2Page - ON Semiconductor MTB16N25E Datasheet HTML 3Page - ON Semiconductor MTB16N25E Datasheet HTML 4Page - ON Semiconductor MTB16N25E Datasheet HTML 5Page - ON Semiconductor MTB16N25E Datasheet HTML 6Page - ON Semiconductor MTB16N25E Datasheet HTML 7Page - ON Semiconductor MTB16N25E Datasheet HTML 8Page - ON Semiconductor MTB16N25E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 1
1
Publication Order Number:
MTB16N25E/D
MTB16N25E
Designer’s™ Data Sheet
TMOS E−FET.
High Energy Power FET
D2PAK for Surface Mount
N−Channel Enhancement−Mode Silicon
Gate
The D2PAK package has the capability of housing a larger die than
any existing surface mount package which allows it to be used in
applications that require the use of surface mount components with
higher power and lower RDS(on) capabilities. This advanced TMOS
E−FET is designed to withstand high energy in the avalanche and
commutation modes. The new energy efficient design also offers a
drain−to−source diode with a fast recovery time. Designed for low
voltage, high speed switching applications in power supplies,
converters and PWM motor controls, these devices are particularly
well suited for bridge circuits where diode speed and commutating
safe operating areas are critical and offer additional safety margin
against unexpected voltage transients.
• Avalanche Energy Specified
Source−to−Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
Short Heatsink Tab Manufactured — Not Sheared
Specially Designed Leadframe for Maximum Power Dissipation
Available in 24 mm 13−inch/800 Unit Tape & Reel, Add −T4
Suffix to Part Number
http://onsemi.com
TMOS POWER FET
16 AMPERES, 250 VOLTS
RDS(on) = 0.25 OHM
CASE 418B−02, Style 2
D2PAK
®
D
S
G


Similar Part No. - MTB16N25E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB16N25E MOTOROLA-MTB16N25E Datasheet
259Kb / 10P
   TMOS POWER FET 16 AMPERES
More results

Similar Description - MTB16N25E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
ON Semiconductor
MMFT2N25E ONSEMI-MMFT2N25E Datasheet
142Kb / 6P
   High Energy Power FET
May, 2013 ??Rev. 2
MTB3N60E ONSEMI-MTB3N60E Datasheet
146Kb / 4P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB9N25E ONSEMI-MTB9N25E Datasheet
293Kb / 12P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
MTP3N60E ONSEMI-MTP3N60E Datasheet
235Kb / 8P
   High Energy Power FET
August, 2006 ??Rev. 3
MTB10N40E ONSEMI-MTB10N40E Datasheet
282Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
MTP4N50E ONSEMI-MTP4N50E Datasheet
261Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 2
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com