Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7VQ14MMNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB7VQ14MMNG
Description  Multi?묹evel Inputs Internal Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VQ14MMNG Datasheet(HTML) 1 Page - ON Semiconductor

  NB7VQ14MMNG Datasheet HTML 1Page - ON Semiconductor NB7VQ14MMNG Datasheet HTML 2Page - ON Semiconductor NB7VQ14MMNG Datasheet HTML 3Page - ON Semiconductor NB7VQ14MMNG Datasheet HTML 4Page - ON Semiconductor NB7VQ14MMNG Datasheet HTML 5Page - ON Semiconductor NB7VQ14MMNG Datasheet HTML 6Page - ON Semiconductor NB7VQ14MMNG Datasheet HTML 7Page - ON Semiconductor NB7VQ14MMNG Datasheet HTML 8Page - ON Semiconductor NB7VQ14MMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2010
December, 2010 − Rev. 0
1
Publication Order Number:
NB7VQ14M/D
NB7VQ14M
1.8V/2.5V/3.3V 8GHz /
14Gbps Differential 1:4
Clock / Data CML Fanout
Buffer w/ Selectable Input
Equalizer
Multi−Level Inputs w/ Internal Termination
Description
The NB7VQ14M is a high performance differential 1:4 CML fanout
buffer with a selectable Equalizer receiver. When placed in series with
a Clock /Data path operating up to 8 GHz or 14 Gb/s, respectively, the
NB7VQ14M inputs will compensate the degraded signal transmitted
across a FR4 PCB backplane or cable interconnect and output four
identical CML copies of the input signal with a 1.8 V, 2.5 V or 3.3 V
power supply. Therefore, the serial data rate is increased by reducing
Inter−Symbol Interference (ISI) caused by losses in copper
interconnect or long cables. The EQualizer ENable pin (EQEN)
allows the IN/IN inputs to either flow through or bypass the Equalizer
section. Control of the Equalizer function is realized by setting EQEN;
When EQEN is set Low, the IN/IN inputs bypass the Equalizer. When
EQEN is set High, the IN/IN inputs flow through the Equalizer. The
default state at start−up is LOW. As such, NB7VQ14M is ideal for
SONET, GigE, Fiber Channel, Backplane and other Clock/Data
distribution applications.
The differential inputs incorporate internal 50
W termination
resistors that are accessed through the VT pin. This feature allows the
NB7VQ14M to accept various logic level standards, such as LVPECL,
CML or LVDS. The 1:4 fanout design was optimized for low output
skew applications.
The NB7VQ14M is a member of the GigaComm
™ family of high
performance clock products.
Features
Input Data Rate > 14 Gb/s, Typical
Input Clock Frequency > 8 GHz, Typical
165 ps Typical Propagation Delay
30 ps Typical Rise and Fall Times
< 15 ps Maximum Output Skew
< 0.8 ps Maximum RMS Clock Jitter
< 10 ps pp of Data Dependent Jitter
Differential CML Outputs, 400 mV Peak−to−Peak, Typical
Selectable Input Equalization
Operating Range: VCC = 1.71 V to 3.6 V with GND = 0 V
Internal Input Termination Resistors, 50 W
−40°C to +85°C Ambient Operating Temperature
These are Pb−Free Devices
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAM*
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
QFN−16
MN SUFFIX
CASE 485G
16
NB7V
Q14M
ALYWG
G
1
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
1
EQ
SIMPLIFIED BLOCK DIAGRAM


Similar Part No. - NB7VQ14MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
1Mb / 11P
   1.8V/2.5V 10Gbps Equalizer Receiver
August, 2016 ??Rev. 3
NB7VQ1006MMNG ONSEMI-NB7VQ1006MMNG Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
NB7VQ1006MMNG ONSEMI-NB7VQ1006MMNG Datasheet
1Mb / 11P
   1.8V/2.5V 10Gbps Equalizer Receiver
August, 2016 ??Rev. 3
NB7VQ1006MMNHTBG ONSEMI-NB7VQ1006MMNHTBG Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
More results

Similar Description - NB7VQ14MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008M ONSEMI-NB7L1008M Datasheet
154Kb / 10P
   Multi?묹evel Inputs w/ Internal Termination
December, 2008 ??Rev. 0
NB7L72M ONSEMI-NB7L72M Datasheet
148Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
September, 2008 ??Rev. 1
NB6VQ572M ONSEMI-NB6VQ572M Datasheet
1Mb / 11P
   Multi?묹evel Inputs w/ Internal Termination
April, 2009 ??Rev. 0
NB7L72M ONSEMI-NB7L72M_13 Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
logo
Exar Corporation
SP339B EXAR-SP339B Datasheet
719Kb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
SP335E EXAR-SP335E_17 Datasheet
1Mb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
logo
ATMEL Corporation
ATR0841 ATMEL-ATR0841 Datasheet
134Kb / 6P
   4-channel Laser Driver with 2 Outputs, 3 LVDS Inputs and Internal Termination
logo
ON Semiconductor
NB7L11M ONSEMI-NB7L11M_16 Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com