Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N01S830BAT22IT Datasheet(PDF) 7 Page - ON Semiconductor

Part # N01S830BAT22IT
Description  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830BAT22IT Datasheet(HTML) 7 Page - ON Semiconductor

Back Button N01S830BAT22IT Datasheet HTML 3Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 4Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 5Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 6Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 7Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 8Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 9Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 10Page - ON Semiconductor N01S830BAT22IT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
N01S830HA, N01S830BA
http://onsemi.com
7
Figure 8. QUAD Write Sequence
CS
04
3
25
16
9
810
7
11
SCK
12 13
Instruction
SIO[3:0]
A5
A0
24−bit address
C1 C0
A4 A3 A2 A1
H0 L0 H1 L1 H2 L2
Hn Ln
Data in
MSB
MSB
Notes: C[1:0] = 02h
H0 = 4 high order bits of data byte 0
L0 = 4 low order bits of data byte 0
H1 = 4 high order bits of data byte 1
L1 = 4 low order bits of data byte 1
READ Mode Register (RDMR)
This instruction provides the ability to read the mode
register. The register may be read at any time including
during a Write operation. The Read Mode Register
operation is executed by driving CS low, then sending the
RDMR instruction to the device. Immediately after the
instruction, the device outputs data on the SO (SIO0-3)
pin(s). To complete the operation, drive CS high to terminate
the register read.
Figure 9. SPI Read Mode Register Sequence (RDMR)
CS
Instruction
SI
04
3
25
16
9
810
711
SCK
7
65
43
210
High−Z
Mode Register Data Out
SO
00
0
00
1
0
12 13 14 15
1
Figure 10. DUAL Read Mode Register Sequence (RDMR)
C[3:0] = 05h
Notes:
CS
Instruction
03
2
1
SCK
C3 C2
H
L
MSB
Mode Bits
SIO[1:0]
45
L
H
C1 C0
67


Similar Part No. - N01S830BAT22IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N01S830BAT22IT ONSEMI-N01S830BAT22IT Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

Similar Description - N01S830BAT22IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com