Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS12802 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS12802
Description  Programmable Gamma Voltage Reference Generator with Integrated Auto-read
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS12802 Datasheet(HTML) 1 Page - ON Semiconductor

  NCS12802 Datasheet HTML 1Page - ON Semiconductor NCS12802 Datasheet HTML 2Page - ON Semiconductor NCS12802 Datasheet HTML 3Page - ON Semiconductor NCS12802 Datasheet HTML 4Page - ON Semiconductor NCS12802 Datasheet HTML 5Page - ON Semiconductor NCS12802 Datasheet HTML 6Page - ON Semiconductor NCS12802 Datasheet HTML 7Page - ON Semiconductor NCS12802 Datasheet HTML 8Page - ON Semiconductor NCS12802 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2012
June, 2012 − Rev. 0
1
Publication Order Number:
NCS12802/D
NCS12802
12-Channel I2C
Programmable Gamma
Voltage Reference
Generator with Integrated
Auto-read
The NCS12802 is a 12− channel programmable voltage reference
generator providing the gamma correction references to the
TFT−LCD panel through the source driver circuit.
The twelve output voltage references are programmed through an
I2C interface which can operate at standard and high speed. The output
buffers can be finely tuned due to the 10 bit DAC precision (1024
steps). In addition, the NCS12802 features an auto−read function
which allows uploading binary data from an external EEPROM. To
support this capability, the device can act as both slave and master I2C.
In order to accelerate the dynamic correction process, the
NCS12802 has two separate register banks. It can simultaneously
store two different curves.
The NCS12802 is proposed in a QFN24 package and an operating
temperature range from −40
°C to +95°C.
Features
12−Channel Gamma Generator
1024−step Resolution (10 bits)
Dual Bank
Rail−to−Rail Outputs
Auto−read Function to Communicate with External EEPROM
Two Wire Digital Programming Interface
Low Power Supply Current of 800 mA per Channel
Digital Power Supply from 2.3 V to 5.0 V
Operating Voltage from 9 V to 17.5 V
I2C Programming Interface (Standard and Fast−Speed)
ESD Human Body Model Protection 2 kV,
Machine Model 300 V
Operating Temperature Range: −40°C to +95°C
Available in a QFN−24 Package with Exposed Pad
This is a Pb−Free Device*
Typical Application
TFT−LCD TV Panels
LCD Monitor Panels
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
24 PIN QFN, 4x4
MN SUFFIX
CASE 485L
Device
Package
Shipping
ORDERING INFORMATION
NCS12802MNTXG QFN−24
(Pb−Free)
3000 / Tape &
Reel
MARKING
DIAGRAM
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NCS
12802
ALYWG
G
1
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
(Note: Microdot may be in either location)


Similar Part No. - NCS12802

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS12 MURATA-PS-NCS12 Datasheet
444Kb / 14P
   Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
NCS12 MURATA-PS-NCS12 Datasheet
536Kb / 18P
   Isolated 12W 4:1 Input Single & Dual Output DC-DC Converters
2023
NCS12D1205C MURATA-PS-NCS12D1205C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
NCS12D1205C MURATA-PS-NCS12D1205C Datasheet
444Kb / 14P
   Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
NCS12D1212C MURATA-PS-NCS12D1212C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
More results

Similar Description - NCS12802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Texas Instruments
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821-Q1 TI1-BUF16821-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com