Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV333 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV333
Description  Low Power, Zero-Drift Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV333 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV333 Datasheet HTML 2Page - ON Semiconductor NCV333 Datasheet HTML 3Page - ON Semiconductor NCV333 Datasheet HTML 4Page - ON Semiconductor NCV333 Datasheet HTML 5Page - ON Semiconductor NCV333 Datasheet HTML 6Page - ON Semiconductor NCV333 Datasheet HTML 7Page - ON Semiconductor NCV333 Datasheet HTML 8Page - ON Semiconductor NCV333 Datasheet HTML 9Page - ON Semiconductor NCV333 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NCS333, NCV333, NCS2333, NCV2333, NCS4333, NCV4333
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS: VS = 1.8 V to 5.5 V
At TA = +25°C, RL = 10 kW connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Boldface limits apply over the specified temperature range, guaranteed by characterization and/or design.
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
DYNAMIC PERFORMANCE
Phase Margin
fM
CL = 100 pF
55
°
Slew Rate
SR
G = +1
0.1
V/
ms
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
106
130
dB
Turn−on Time
tON
VS = 5 V
20
ms
Quiescent Current
IQ
No load, per
channel
1.8 V
≤ VS ≤ 3.3 V
17
25
mA
27
3.3 V < VS ≤ 5.5 V
21
33
35
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TYPICAL CHARACTERISTICS
Figure 1. Open Loop Gain and Phase Margin
vs. Frequency
Figure 2. CMRR vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
−20
0
20
60
80
120
1M
100k
10k
1k
100
10
0
10
30
50
70
80
100
120
Figure 3. PSRR vs. Frequency
Figure 4. Output Voltage Swing vs. Output
Current
FREQUENCY (Hz)
OUTPUT CURRENT (mA)
100k
10k
1k
100
10
0
20
40
60
80
100
120
9
7
6
5
4
2
1
0
−3
−2
−1
0
1
2
3
20
40
60
90
110
T = 25
°C
T = 25
°C
+PSRR
−PSRR
38
10
T = 25
°C
VS = 5.5 V, VOH
VS = 1.8 V, VOH
VS = 1.8 V, VOL
VS = 5.5 V, VOL
−40
40
100
Gain
Phase Margin
1M
100k
10k
1k
100
10
CL = 100 pF
RL = 10 kW
T = 25
°C
1M
15
30
45
75
90
120
0
60
105


Similar Part No. - NCV333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33375 ONSEMI-NCV33375 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
NCV33375D-2.5R2G ONSEMI-NCV33375D-2.5R2G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
NCV33375D-2.5R2G ONSEMI-NCV33375D-2.5R2G Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
NCV33375D-3.3R2G ONSEMI-NCV33375D-3.3R2G Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
NCV33375ST1.8T3G ONSEMI-NCV33375ST1.8T3G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results

Similar Description - NCV333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS333 ONSEMI-NCS333_16 Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
logo
Linear Technology
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com