Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT7290MNTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCT7290MNTXG
Description  Internal Temp Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT7290MNTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCT7290MNTXG Datasheet HTML 4Page - ON Semiconductor NCT7290MNTXG Datasheet HTML 5Page - ON Semiconductor NCT7290MNTXG Datasheet HTML 6Page - ON Semiconductor NCT7290MNTXG Datasheet HTML 7Page - ON Semiconductor NCT7290MNTXG Datasheet HTML 8Page - ON Semiconductor NCT7290MNTXG Datasheet HTML 9Page - ON Semiconductor NCT7290MNTXG Datasheet HTML 10Page - ON Semiconductor NCT7290MNTXG Datasheet HTML 11Page - ON Semiconductor NCT7290MNTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
NCT7290
http://onsemi.com
8
Figure 4. I2C Timing Diagram
STOP
START
tSU; DAT
tHIGH
tF
tHD; DAT
tR
tLOW
tSU; STO
STOP START
SCLK
SDATA
tBUF
tHD; STA
tHD; STA
tSU; STA
Table 2. SPI TIMING
Parameter (Note 10)
Symbol
Min
Max
Unit
SPI Clock Freq
fSCLK
5
MHz
SPI Clock Period
tSCLK
200
ns
CS Falling Edge to SCLK Falling Edge
tDELAY
15
ns
SCLK Rising Edge to CS Rising Edge
tQUIET
15
ns
CS Rising Edge to SDO Disabled
tDIS
110
ns
CS Deassertion between SPI Communications
tCS,DIS
250
ns
SCLK Low Pulse Width
tS
0.4
× tSCLK
ns
SCLK High Pulse Width
tM
0.4
× tSCLK
ns
SCLK Falling Edge to SDO Transition
tSDO
100
ns
SDI Valid before SCLK Rising Edge
tSETUP
15
ns
SDI Valid after SCLK Rising Edge
tHOLD
15
ns
10. Guaranteed by design, but not production tested
Figure 5. SPI Timing Diagram
89
25
SCLK
SDO
SDI
CS
1
89
25
1
89
25
1


Similar Part No. - NCT7290MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT72CMNR2G ONSEMI-NCT72CMNR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72CMNR2G ONSEMI-NCT72CMNR2G Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72CMNR2G ONSEMI-NCT72CMNR2G Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
More results

Similar Description - NCT7290MNTXG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2997 LINER-LTC2997_15 Datasheet
186Kb / 18P
   Remote/Internal Temperature Sensor
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1027 MAXIM-MAX1027_09 Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com