Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV2333 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV2333
Description  Low Power, Zero-Drift Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2333 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV2333 Datasheet HTML 7Page - ON Semiconductor NCV2333 Datasheet HTML 8Page - ON Semiconductor NCV2333 Datasheet HTML 9Page - ON Semiconductor NCV2333 Datasheet HTML 10Page - ON Semiconductor NCV2333 Datasheet HTML 11Page - ON Semiconductor NCV2333 Datasheet HTML 12Page - ON Semiconductor NCV2333 Datasheet HTML 13Page - ON Semiconductor NCV2333 Datasheet HTML 14Page - ON Semiconductor NCV2333 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCS333, NCV333, NCS2333, NCV2333, NCS4333, NCV4333
www.onsemi.com
11
PACKAGE DIMENSIONS
TSOP−5
CASE 483−02
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH
THICKNESS. MINIMUM LEAD THICKNESS IS THE
MINIMUM THICKNESS OF BASE MATERIAL.
4. DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR GATE BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL NOT
EXCEED 0.15 PER SIDE. DIMENSION A.
5. OPTIONAL CONSTRUCTION: AN ADDITIONAL
TRIMMED LEAD IS ALLOWED IN THIS LOCATION.
TRIMMED LEAD NOT TO EXTEND MORE THAN 0.2
FROM BODY.
DIM
MIN
MAX
MILLIMETERS
A
3.00 BSC
B
1.50 BSC
C
0.90
1.10
D
0.25
0.50
G
0.95 BSC
H
0.01
0.10
J
0.10
0.26
K
0.20
0.60
M
0
10
S
2.50
3.00
12
3
54
S
A
G
B
D
H
C
J
__
0.7
0.028
1.0
0.039
mm
inches
SCALE 10:1
0.95
0.037
2.4
0.094
1.9
0.074
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.20
5X
C AB
T
0.10
2X
2X
T
0.20
NOTE 5
C
SEATING
PLANE
0.05
K
M
DETAIL Z
DETAIL Z
TOP VIEW
SIDE VIEW
A
B
END VIEW


Similar Part No. - NCV2333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2333 ONSEMI-NCV2333 Datasheet
1Mb / 22P
   Operational Amplifier, Zero-Drift, 10 V Offset, 0.07 V/C
April, 2021 - Rev. 20
NCV2333DMR2G ONSEMI-NCV2333DMR2G Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
NCV2333DMR2G ONSEMI-NCV2333DMR2G Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
NCV2333DR2G ONSEMI-NCV2333DR2G Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
NCV2333DR2G ONSEMI-NCV2333DR2G Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
More results

Similar Description - NCV2333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS333 ONSEMI-NCS333_16 Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
logo
Linear Technology
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com