Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLHV001 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLHV001
Description  1-Bit Gate Pulse Modulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLHV001 Datasheet(HTML) 3 Page - ON Semiconductor

  NLHV001 Datasheet HTML 1Page - ON Semiconductor NLHV001 Datasheet HTML 2Page - ON Semiconductor NLHV001 Datasheet HTML 3Page - ON Semiconductor NLHV001 Datasheet HTML 4Page - ON Semiconductor NLHV001 Datasheet HTML 5Page - ON Semiconductor NLHV001 Datasheet HTML 6Page - ON Semiconductor NLHV001 Datasheet HTML 7Page - ON Semiconductor NLHV001 Datasheet HTML 8Page - ON Semiconductor NLHV001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NLHV001
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Condition
Value
Unit
VGH
DC Supply Voltage
−0.5 to +40
V
VDD
DC Supply Voltage
−0.5 to +40
V
VFLK
Input Voltage VFLK
−0.5 to +40
V
VDPM
Input Voltage VDPM
−0.5 to +40
V
VGH – VCE
Differential Voltage Between VGH and VCE Pins
(Note 1)
9.5
V
IIK
DC Input Diode Current
50
mA
IOK
DC Output Diode Current
50
mA
IO
DC Output Current
50
mA
IGH
DC Supply Current Per Supply Pin
50
mA
PD
Power Dissipation
200
mW
TJ
Junction Temperature
95
ºC
TSTG
Storage Temperature
−65 to +150
ºC
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. A differential voltage between the VGH and VCE pins (VGH – VCE) occurs during the power−up and power−down procedure. The voltages
on the VGH and CE pins are equal at steady−state conditions after power−up.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VGH
DC Supply Voltage (Note 2)
VGH – VDD ≥ 8.5 V
15
38
V
VDD
DC Supply Voltage
VDD ≤ VGH – 8.5 V
0
25
V
VFLK
Input Voltage VFLK
VGH_M = VGH – 1.2 V
1.5
VGH
V
VDPM
Input Voltage VDPM
VGH_M = VDD + 1.5 V
0
VGH
V
TA
Operating Temperature Range
−40
85
V
VGH – VCE
Differential Voltage Between VGH and VCE Pins
(Note 3)
5.5
V
Dt / DVGH Safe VGH Power−Up Slew Rate (Note 4)
CE = 5 pF
0.2
ms / V
CE = 10 pF
0.4
CE = 50 pF
0.6
CE = 150 pF
0.7
CE = 220 pF
0.8
CE = 500 pF
1.2
CE = 1000 pF
2.2
2. Maximum recommended VGH supply voltage guaranteed by design.
3. A differential voltage between the VGH and VCE pins (VGH – VCE) occurs during the power−up and power−down procedure. The voltages
on the VGH and CE pins are equal at steady−state conditions after power−up.
4. It is recommended that a ceramic or tantalum decoupling capacitor of 0.1 to 1 mF is used on the VGH power supply voltage. The capacitor
should be placed adjacent to the NLHV001 and connected between VGH and Ground.


Similar Part No. - NLHV001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLHV18T3244 ONSEMI-NLHV18T3244 Datasheet
202Kb / 10P
   18-Channel Level Shifter
May, 2013 ??Rev. 0
NLHV18T3244MNTWG ONSEMI-NLHV18T3244MNTWG Datasheet
202Kb / 10P
   18-Channel Level Shifter
May, 2013 ??Rev. 0
NLHV1T0434 ONSEMI-NLHV1T0434 Datasheet
83Kb / 7P
   48 V RF Antenna Switch Driver
March, 2018 ??Rev. 0
NLHV1T0434ZR2G ONSEMI-NLHV1T0434ZR2G Datasheet
83Kb / 7P
   48 V RF Antenna Switch Driver
March, 2018 ??Rev. 0
logo
TDK Electronics
NLHV25 TDK-NLHV25 Datasheet
40Kb / 2P
   SMD Inductors(Coils) For Signal Line(Wound)
More results

Similar Description - NLHV001

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
logo
DAICO Industries, Inc.
DPM08036 DAICO-DPM08036 Datasheet
35Kb / 1P
   Pulse Modulator
logo
Communications & Power ...
4CPW100KA CPI-4CPW100KA Datasheet
95Kb / 1P
   Pulse modulator
logo
Dallas Semiconductor
DS1052 DALLAS-DS1052 Datasheet
211Kb / 14P
   5-Bit, Programmable, 100kHz Pulse-Width Modulator
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com