Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLUS3C18PZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLUS3C18PZ
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUS3C18PZ Datasheet(HTML) 2 Page - ON Semiconductor

  NTLUS3C18PZ Datasheet HTML 1Page - ON Semiconductor NTLUS3C18PZ Datasheet HTML 2Page - ON Semiconductor NTLUS3C18PZ Datasheet HTML 3Page - ON Semiconductor NTLUS3C18PZ Datasheet HTML 4Page - ON Semiconductor NTLUS3C18PZ Datasheet HTML 5Page - ON Semiconductor NTLUS3C18PZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTLUS3C18PZ
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction-to-Ambient – Steady State (Note 3)
RθJA
72
°C/W
Junction-to-Ambient – t
≤ 5 s (Note 3)
RθJA
32.6
Junction-to-Ambient – Steady State min Pad (Note 4)
RθJA
190.4
3. Surface-mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface-mounted on FR4 board using the minimum recommended pad size of 30 mm2, 2 oz. Cu.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−12
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = −250 mA, ref to 25°C
7.3
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −9.6 V
TJ = 25°C
−1.0
mA
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8 V
±10
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.4
−1.0
V
Negative Threshold Temp. Coefficient
VGS(TH)/TJ
3.0
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −7.0 A
20
24
m
W
VGS = −3.7 V, ID = −6.6 A
22
27
VGS = −3.3 V, ID = −5.7 A
24
30
VGS = −2.5 V, ID = −5.1 A
29
36
VGS = −1.8 V, ID = −2.0 A
44
70
Forward Transconductance
gFS
VDS = −5 V, ID = −7.0 A
21.8
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz,
VDS = −6.0 V
1570
pF
Output Capacitance
COSS
200
Reverse Transfer Capacitance
CRSS
240
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −6.0 V;
ID = −7.0 A
15.8
nC
Threshold Gate Charge
QG(TH)
0.7
Gate-to-Source Charge
QGS
1.9
Gate-to-Drain Charge
QGD
4.6
SWITCHING CHARACTERISTICS (Note 6)
Turn-On Delay Time
td(ON)
VGS = −4.5 V, VDD = −6 V,
ID = −7.0 A, RG = 1 W
8.5
ns
Rise Time
tr
52.5
Turn-Off Delay Time
td(OFF)
40
Fall Time
tf
59
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −1.7 A
TJ = 25°C
0.71
1.0
V
TJ = 125°C
0.58
5. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NTLUS3C18PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3C18PZ ONSEMI-NTLUS3C18PZ Datasheet
166Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 1
NTLUS3C18PZTAG ONSEMI-NTLUS3C18PZTAG Datasheet
166Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 1
NTLUS3C18PZTBG ONSEMI-NTLUS3C18PZTBG Datasheet
166Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 1
NTLUS3C18PZ ONSEMI-NTLUS3C18PZ_16 Datasheet
166Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 1
More results

Similar Description - NTLUS3C18PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com