Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5971 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S5971
Description  Si PIN photodiodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5971 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S5971_15 Datasheet HTML 1Page - Hamamatsu Corporation S5971_15 Datasheet HTML 2Page - Hamamatsu Corporation S5971_15 Datasheet HTML 3Page - Hamamatsu Corporation S5971_15 Datasheet HTML 4Page - Hamamatsu Corporation S5971_15 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si PIN photodiodes
S5971, S5972, S5973 series
2
Spectral response
Frequency response
Photosensitivity temperature characteristics
Cutoff frequency vs. reverse voltage
KPINB0158EA
KPINB0160EB
Wavelength (nm)
0
0.1
0.2
0.3
0.4
0.7
300
400
600
700
500
(Typ. Ta=25 °C)
800
900
1000 1100
0.5
0.6
S5973-02
S5972
S5971
S5973/-01
Frequency
-20
1 MHz
10 MHz
100 MHz
1 GHz
10 GHz
-10
-3
0
+10
(Typ. Ta=25 °C,
λ=830 nm, RL=50 Ω)
S5973 series
S5971
(VR=10 V)
S5972
(VR=10 V)
(VR=3.3 V)
0
200
400
600
800
1000
+1.0
+0.5
(Typ.)
+1.5
-0.5
Wavelength (nm)
S5972
S5973 series
S5971
10 MHz
100 MHz
1 GHz
10 GHz
1
10
100
(Typ. Ta=25 °C,
λ=830 nm, RL=50 Ω)
S5971
S5972
S5973 series
Reverse voltage (V)
KPINB0157EB
KPINB0159EB


Similar Part No. - S5971_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5971 HAMAMATSU-S5971 Datasheet
116Kb / 4P
   High-speed photodiodes (S5973 series: 1.5 GHz)
More results

Similar Description - S5971_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
S1223 HAMAMATSU-S1223_15 Datasheet
619Kb / 3P
   Si PIN photodiodes
S11499 HAMAMATSU-S11499_15 Datasheet
223Kb / 3P
   Si PIN photodiodes
S8385 HAMAMATSU-S8385_15 Datasheet
179Kb / 4P
   Si PIN photodiodes
S3071 HAMAMATSU-S3071_15 Datasheet
228Kb / 4P
   Si PIN photodiodes
S10783 HAMAMATSU-S10783_15 Datasheet
153Kb / 6P
   Si PIN photodiodes
S3096-02 HAMAMATSU-S3096-02_15 Datasheet
171Kb / 4P
   Si PIN photodiodes
S2506-02 HAMAMATSU-S2506-02_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
S3071 HAMAMATSU-S3071 Datasheet
120Kb / 3P
   Si PIN photodiode Large area, high-speed Si PIN photodiodes
S10355-01 HAMAMATSU-S10355-01_15 Datasheet
152Kb / 4P
   Si photodiodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com