Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5821 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S5821
Description  Si PIN photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5821 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S5821_15 Datasheet HTML 1Page - Hamamatsu Corporation S5821_15 Datasheet HTML 2Page - Hamamatsu Corporation S5821_15 Datasheet HTML 3Page - Hamamatsu Corporation S5821_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si PIN photodiode
S5821 series
10 MHz
1 MHz
100 MHz
1 GHz
1
10
100
(Typ. Ta=25 ˚C,
λ=830 nm, RL=50 Ω)
REVERSE VOLTAGE (V)
KPINB0154EA
1 pA
1 nA
10 pA
100 pA
0.1
1
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
10
100
s Cut-off frequency vs. reverse voltage
s Dark current vs. reverse voltage
KPINB0155EA
1 pF
10 pF
100 pF
0.1
1
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C, f=1 MHz)
10
100
KPINB0156EA
s Terminal capacitance vs. reverse voltage
3


Similar Part No. - S5821_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5821-01 HAMAMATSU-S5821-01 Datasheet
111Kb / 4P
   High performance, high reliability Si PIN photodiodes
S5821-02 HAMAMATSU-S5821-02 Datasheet
111Kb / 4P
   High performance, high reliability Si PIN photodiodes
S5821-03 HAMAMATSU-S5821-03 Datasheet
111Kb / 4P
   High performance, high reliability Si PIN photodiodes
logo
Shenzhen Luguang Electr...
S5821B LUGUANG-S5821B Datasheet
198Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
S5821B DSK-S5821B Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - S5821_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
   Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
   Si PIN photodiode
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
   SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
   Si PIN photodiode
S10993-05GT HAMAMATSU-S10993-05GT Datasheet
215Kb / 6P
   Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
   Si PIN photodiode
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
   Si PIN photodiode
S5106 HAMAMATSU-S5106_15 Datasheet
397Kb / 4P
   Si PIN photodiode
S10993-02CT HAMAMATSU-S10993-02CT_15 Datasheet
240Kb / 6P
   Si PIN photodiode
S4349 HAMAMATSU-S4349 Datasheet
125Kb / 2P
   Si PIN photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com