Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2592 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S2592
Description  S2592_15
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2592 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S2592_15 Datasheet HTML 1Page - Hamamatsu Corporation S2592_15 Datasheet HTML 2Page - Hamamatsu Corporation S2592_15 Datasheet HTML 3Page - Hamamatsu Corporation S2592_15 Datasheet HTML 4Page - Hamamatsu Corporation S2592_15 Datasheet HTML 5Page - Hamamatsu Corporation S2592_15 Datasheet HTML 6Page - Hamamatsu Corporation S2592_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Si photodiodes
www.hamamatsu.com
1
Thermoelectrically cooled photodiodes for
low-light-level detection in UV to near IR
S2592/S3477 series
The S2592/S3477 series sensors combine a UV to near infrared Si photodiode with a thermoelectric cooler. A thermistor is
also included in the same package to sense the Si photodiode chip temperature. This allows stable operation over long peri-
ods of time, making these sensors suitable for low-light-level detection where a high S/N is required.
The S2592 series is hermetically sealed in a TO-8 package, and the S3477 series in a TO-66 package. A dedicated tempera-
ture controller (C1103-04) and heatsink (A3179 series) are also available as options (sold separately).
High S/N
High UV sensitivity
Built-in thermistor allows stable operation.
Features
Low-light-level detection
Applications
Structure
Parameter
S2592-03
S3477-03
S2592-04
S3477-04
Unit
Built-in photodiode
S1336 series
-
Window material
Sapphire glass
-
Photosensitive area
2.4 × 2.4
5.8 × 5.8
mm
Package
TO-8
TO-66
TO-8
TO-66
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Reverse voltage
VR
5V
Operating temperature
Topr
-40 to +70
°C
Storage temperature
Tstg
-55 to +85
°C
Allowable current for
thermoelectric cooler
Ite
1.5
A
Thermistor power dissipation
Pth
0.2
mW
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Electrical and optical characteristics (Typ. Ta=25 °C)
Parameter
Symbol
Condition
S2592-03
S3477-03
S2592-04
S3477-04
Unit
Spectral response range
λ
190 to 1100
nm
Peak sensitivity wavelength
λp
960
nm
Photosensitivity
S
λ=λp
0.5
A/W
Short circuit current
Isc
100 lx, 2856 K
5
28
μA
Dark current
ID
VR=10 mV
10
25
pA
Temperature coefficient of
dark current
TCID
1.15
times/°C
Rise time
tr
VR=0 V, RL=1 kΩ
0.2
1
μs
Terminal capacitance
Ct
VR=0 V
65
380
pF
Shunt resistance
Rsh
VR=10 mV
1
0.4
Noise equivalent power
NEP
VR=0 V, λ=λp
8.1 × 10-15
1.3 × 10-14
W/Hz1/2
Cooling temperature
∆T35
°C


Similar Part No. - S2592_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
S2592-44.736 CRYSTEKCRYSTAL-S2592-44.736 Datasheet
104Kb / 1P
   Clock Oscillator 8 Pin Dip, 2.5V, LVCMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com