Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11706 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H11706
Description  Metal Package PMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H11706 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H11706_15 Datasheet HTML 1Page - Hamamatsu Corporation H11706_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics (Cathode radiant sensitivity, Gain)
Sensitivity Adjustment Method
Dimensional Outlines (Unit: mm)
Shutter Characteristics
Switching Noise
TPMO1059E01
JUL. 2013 IP
RESISTANCE PROGRAMMING
VOLTAGE PROGRAMMING
HAMAMATSU PHOTONICS K.K.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 SE-164 40 Kista, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, 27 Dongsanhuan Road North, Chaoyang District, Beijing 100020, China, Telephone: (86)10-6586-6006, Fax: (86)10-6586-2866 E-mail: hpc@hamamatsu.com.cn
www.hamamatsu.com
TPMOA0081JA
TPMOA0082JA
GH11706-01/-20
GH11706-40
TPMOC0253EA
TPMOC0252EA
SHUTTER SIGNAL INPUT
GND
+15 V
GND
POWER SUPPLY
PHOTOSENSOR MODULE
POTENTIOMETER (10 k
Ω)
MONITOR
SIGNAL OUTPUT
LOW VOLTAGE INPUT (RED)
GND (BLACK)
Vref OUTPUT (BLUE)
Vcont INPUT (WHITE)
SHUTTER SIGNAL INPUT (YELLOW)
* When using a potentiometer to adjust sensitivity, monitor the control
voltage so it does not exceed +1.1 V (-01/-20) / +0.9 V (-40).
-01/-20: +0.5 V to +1.1 V
-40: +0.5 V to +0.8 V
GND
+15 V
GND
SIGNAL OUTPUT
LOW VOLTAGE INPUT (RED)
GND (BLACK)
Vref OUTPUT (BLUE)
Vcont INPUT (WHITE)
SHUTTER SIGNAL INPUT (YELLOW)
PHOTOSENSOR MODULE
POWER SUPPLY
SHUTTER SIGNAL INPUT
GND
• Adjust the control voltage to
adjust the sensitivity.
• Electrically insulate the
reference voltage output.
SHUTTER
SIGNAL
INPUT
OUTPUT
LOW
OFF
ON
HIGH
1
µs to 10 ms
DELAY TIME 150 ns
0 %
¡ 90 % 400 ns
0 %
¡ 100 % 1 µs
RISE TIME 230 ns
DELAY TIME 150 ns
100 %
¡ 10 % 400 ns
100 %
¡ 0 % 1 µs
FALL TIME 230 ns
10 %
50 %
90 %
+2 V to +Vcc
at 500
JUL. 2013
HAMAMATSU PHOTONICS K.K.
Typ.
Typ.
Max.
Typ.
Typ.
Min.
Max.
Min.
Max.
Shutter
Mode
Shutter
Signal
Mode
Shutter Width (FWHM)
Rise Time
Fall Time
Repetition Rate
Switching Ratio
Delay Time
Input LOW Level
Input HIGH Level
Input Impedance
Nomally ON
1
µs to 10 ms
230
230
10
103
150
0
+0.4
+2.0
Vcc
500
Unit
ns
ns
kHz
ns
V
V
Description / Value
Parameter
(at +25
°C)
1.5
± 0.2
68.0
± 0.5
450
± 20
22.0
± 0.5
14.0
± 0.2
WINDOW
MOUNTING THREADED HOLE
(2-M3 DEPTH: 4)
THREADED HOLE for OPTION
(4-M2 DEPTH: 4)
EFFECTIVE
AREA ( 5)
LOW VOLTAGE INPUT (+15 V)
GND
Vref OUTPUT (+1.2 V)
Vcont INPUT
SIGNAL OUTPUT
SHUTTER SIGNAL INPUT
: AWG26 (RED)
: AWG26 (BLACK)
: AWG26 (BLUE)
: AWG26 (WHITE)
: RG-174/U
: AWG26 (YELLOW)
1.5
± 0.2
60.0
± 0.5
450
± 20
20.0
± 0.5
14.0
± 0.2
WINDOW
THREADED HOLE for OPTION
(4-M2 DEPTH: 4)
EFFECTIVE
AREA ( 8)
LOW VOLTAGE INPUT (+15 V)
GND
Vref OUTPUT (+1.2 V)
Vcont INPUT
SIGNAL OUTPUT
SHUTTER SIGNAL INPUT
: AWG26 (RED)
: AWG26 (BLACK)
: AWG26 (BLUE)
: AWG26 (WHITE)
: RG-174/U
: AWG26 (YELLOW)
MOUNTING THREADED HOLE
(2-M3 DEPTH: 4)
1000
100
10
1
0.1
200
400
600
800
300
500
700
900
WAVELENGTH (nm)
1000
-20
-01
40
TPMOB0249EA
TPMOB0250EA
TPMOC0254EA
CONTROL VOLTAGE (V)
107
106
105
104
103
0.5
0.6
0.9
0.8
0.7
1.0
1.2
1.1
-40
-01/-20
400 ns/div.
OUTPUT
(LOAD RESIST-
ANCE 50
Ω)
10 mV/div.
SHUTTER
SIGNAL INPUT
5 V/div.


Similar Part No. - H11706_15

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1174 PULSE-H1174 Datasheet
186Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1174FNL PULSE-H1174FNL Datasheet
455Kb / 3P
   ROHS COMPLIANT
H1174NL PULSE-H1174NL Datasheet
186Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1174NL PULSE-H1174NL Datasheet
580Kb / 4P
   For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
H1174NL PULSE-H1174NL Datasheet
184Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
More results

Similar Description - H11706_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11890 HAMAMATSU-H11890_15 Datasheet
114Kb / 2P
   Metal Package PMT
H10723 HAMAMATSU-H10723_15 Datasheet
84Kb / 2P
   Metal Package PMT
H11123 HAMAMATSU-H11123_15 Datasheet
73Kb / 2P
   Metal Package PMT
H10682 HAMAMATSU-H10682_15 Datasheet
84Kb / 2P
   Metal package PMT
H111123 HAMAMATSU-H111123_15 Datasheet
73Kb / 2P
   Metal Package PMT
H10722 HAMAMATSU-H10722_15 Datasheet
84Kb / 2P
   Metal package PMT
H7422 HAMAMATSU-H7422_15 Datasheet
144Kb / 4P
   Metal Package PMT with Cooler
H7421 HAMAMATSU-H7421_15 Datasheet
148Kb / 4P
   Metal package PMT with Cooler
H12056 HAMAMATSU-H12056_15 Datasheet
97Kb / 2P
   Metal Package PMT with Gate Function
H11526 HAMAMATSU-H11526_15 Datasheet
89Kb / 4P
   Metal Package PMT with Gate Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com