Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR11-21C-TR8 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IR11-21C-TR8
Description  1206 Package Chip Infrared LED With Inner Lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR11-21C-TR8 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IR11-21C-TR8_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR11-21C-TR8_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR11-21C-TR8_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR11-21C-TR8_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR11-21C-TR8_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR11-21C-TR8_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR11-21C-TR8_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR11-21C-TR8_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR11-21C-TR8_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-06-04 11:57:59.0
Data Sheet
1206 Package Chip Infrared LED With Inner Lens
IR11-21C/TR8
4
Copyright © 2013, Everlight All Rights Reserved. Release Date : 5/28/2013. Issue No:DIR-0000945.
Rev3
www.everlight.com
0
-25
0
40
20
60
100
80
20
40
60
100
80
120
140
0
20
40
60
80
100
IF=20mA
Ta=25° C
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs.
Fig.2 Spectral Distribution
Ambient Temperature
Fig.3 Forward Current
Fig.4 Relative Intensity vs.
vs. Forward Voltage
Forward Current


Similar Part No. - IR11-21C-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR11-21C-TR8 EVERLIGHT-IR11-21C-TR8 Datasheet
258Kb / 10P
   Infrared LED With Inner Lens
More results

Similar Description - IR11-21C-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8_15 Datasheet
216Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
261Kb / 10P
   1206 Package Chip Infrared LED With Inner Lens
EAIST3015A0 EVERLIGHT-EAIST3015A0 Datasheet
545Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
EAIST3015A1 EVERLIGHT-EAIST3015A1 Datasheet
508Kb / 9P
   1206 Package Infrared Chip LED With Inner Lens
EAIST3015A2 EVERLIGHT-EAIST3015A2 Datasheet
342Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
   1206 Package Chip LED with Inner Lens
logo
Everlight Electronics C...
11-21-G6C-FN2P2B-2T EVERLIGHT-11-21-G6C-FN2P2B-2T Datasheet
254Kb / 10P
   1206 Package Chip LED with Inner lens
11-21-R6C-AP1Q2LZ-2T EVERLIGHT-11-21-R6C-AP1Q2LZ-2T Datasheet
235Kb / 10P
   1206 Package Chip LED with Inner lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-R6C-AP1Q2LZ-2T TO-GRACE-11-21-R6C-AP1Q2LZ-2T Datasheet
1Mb / 10P
   1206 Package Chip LED with Inner lens
11-21-Y2C-CP2Q2B-2T TO-GRACE-11-21-Y2C-CP2Q2B-2T Datasheet
595Kb / 10P
   1206 Package Chip LED with Inner lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com