Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR26-51C-L110-TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # IR26-51C-L110-TR8
Description  1.6mm round Subminiature Side Looking Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR26-51C-L110-TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  IR26-51C-L110-TR8_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR26-51C-L110-TR8_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR26-51C-L110-TR8_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR26-51C-L110-TR8_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR26-51C-L110-TR8_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR26-51C-L110-TR8_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR26-51C-L110-TR8_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR26-51C-L110-TR8_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR26-51C-L110-TR8_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2014-04-03 20:17:19.0
DATASHEET
IR26-51C/L110/TR8
6
Copyright © 2010, Everlight All Rights Reserved. Release Date :Mar.14.2014. Issue No: DIR-0000251 Rev.4
www.everlight.com
 Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage
time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - IR26-51C-L110-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR26-51C-L110-TR8 EVERLIGHT-IR26-51C-L110-TR8 Datasheet
183Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
More results

Similar Description - IR26-51C-L110-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR26-71C-L302-TR8 EVERLIGHT-IR26-71C-L302-TR8 Datasheet
194Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-71C-L302-TR8 EVERLIGHT-IR26-71C-L302-TR8_15 Datasheet
242Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C-L110-TR8 EVERLIGHT-IR26-51C-L110-TR8 Datasheet
183Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C EVERLIGHT-IR26-51C Datasheet
177Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3026A1 EVERLIGHT-EAISV3026A1 Datasheet
554Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
EAIST3216A2 EVERLIGHT-EAIST3216A2 Datasheet
633Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3026A0 EVERLIGHT-EAISV3026A0 Datasheet
675Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3024A0 EVERLIGHT-EAISV3024A0 Datasheet
429Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
PT26-51B EVERLIGHT-PT26-51B Datasheet
186Kb / 10P
   1.6mm Round Subminiature Side Looking Phototransiator
PT26-51B-TR8 EVERLIGHT-PT26-51B-TR8 Datasheet
191Kb / 10P
   1.6mm Round Subminiature Side Looking Phototransiator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com