Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR91-21C-TR7 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # IR91-21C-TR7
Description  1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR91-21C-TR7 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  IR91-21C-TR7_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-06-03 17:41:55.0
Data Sheet
1.9mm Round Subminiature “ Gull Wing”Lead Infrared LED
IR91-21C/TR7
5
Copyright © 2013, Everlight All Rights Reserved. Release Date : 5/30/2013. Issue No: DIR-0000946
Rev 3
www.everlight.com
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
0
20
10
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Radiant Intensity vs.
Angular Displacement


Similar Part No. - IR91-21C-TR7_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
More results

Similar Description - IR91-21C-TR7_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
EAISG2522A1 EVERLIGHT-EAISG2522A1 Datasheet
574Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
EAISG2021A0 EVERLIGHT-EAISG2021A0 Datasheet
439Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR95-21C-TR7 EVERLIGHT-IR95-21C-TR7 Datasheet
246Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR95-21C EVERLIGHT-IR95-21C Datasheet
241Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Infrared LED
IR95-21C-TR7 EVERLIGHT-IR95-21C-TR7_15 Datasheet
225Kb / 9P
   1.9mm Round Subminiature Gull Wing Lead Infrared LED
PT91-21C-TR7 EVERLIGHT-PT91-21C-TR7 Datasheet
249Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing?쒵ead
EAISG2522A0 EVERLIGHT-EAISG2522A0 Datasheet
595Kb / 9P
   1.9mm Round Subminiature ?쏽oke?쒵ead Infrared LED
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
IR91-21C EVERLIGHT-IR91-21C_15 Datasheet
179Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com