Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR95-21C-TR7 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # IR95-21C-TR7
Description  1.9mm Round Subminiature Gull Wing Lead Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR95-21C-TR7 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

  IR95-21C-TR7_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR95-21C-TR7_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR95-21C-TR7_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR95-21C-TR7_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR95-21C-TR7_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR95-21C-TR7_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR95-21C-TR7_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR95-21C-TR7_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR95-21C-TR7_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-07-05 13:51:21.0
Data Sheet
1.9mm Round Subminiature“Gull Wing”Lead Infrared LED
IR95-21C/TR7
9
Copyright © 2013, Everlight All Rights Reserved. Release Date : 2013/6/17. Issue No:DIR-0000479
Rev:2
www.everlight.com
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’s consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2685-6688
Office: No. 6-8, Zhonghua Rd., Shulin Dist.,
Fax: 886-2685-2699
6897
New Taipei City 23860, Taiwan
http://www.everlight.com


Similar Part No. - IR95-21C-TR7_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR95-21C-TR7 EVERLIGHT-IR95-21C-TR7 Datasheet
246Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
More results

Similar Description - IR95-21C-TR7_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR95-21C EVERLIGHT-IR95-21C Datasheet
241Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Infrared LED
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7_15 Datasheet
238Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
EAISG2522A1 EVERLIGHT-EAISG2522A1 Datasheet
574Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
EAISG2021A0 EVERLIGHT-EAISG2021A0 Datasheet
439Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR95-21C-TR7 EVERLIGHT-IR95-21C-TR7 Datasheet
246Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7_08 Datasheet
237Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing??Lead
logo
HK TO-GRACE TECHNOLOGY ...
95-21USRD-S357-TR7 TO-GRACE-95-21USRD-S357-TR7 Datasheet
668Kb / 9P
   1.9mm Round Subminiature ?쏥ull Wing??Lead (Square Base) LED
logo
Everlight Electronics C...
EAISY2021A1 EVERLIGHT-EAISY2021A1 Datasheet
592Kb / 9P
   1.9mm Round Subminiature ?쏽oke??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com