Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR333C-H0-L10 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # IR333C-H0-L10
Description  5mm Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR333C-H0-L10 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  IR333C-H0-L10_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR333C-H0-L10_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR333C-H0-L10_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR333C-H0-L10_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR333C-H0-L10_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR333C-H0-L10_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR333C-H0-L10_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR333C-H0-L10_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LifecyclePhase:
Revision
: 5
Expired Period: Forever
Release Date:2013-05-27 14:39:45.0
DATASHEET
5.0mm Infrared LED
IR333C/H0/L10
3
Copyright © 2010, Everlight All Rights Reserved. Release Date :MAY.23.2013. Issue No: DIR-0000721
www.everlight.com
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
7.8
10
-----
IF=20mA
Radiant Intensity
Ie
-----
45
-----
mW/sr
IF=100mA
Peak Wavelength
λp
-----
940
-----
nm
IF=20mA
Spectral Bandwidth
Δλ
-----
45
-----
nm
IF=20mA
-----
1.2
1.5
IF=20mA
Forward Voltage
VF
-----
1.4
1.8
V
IF=100mA
Reverse Current
IR
----
----
10
uA
VR=5V
View Angle
2θ1/2
----
40
----
deg
IF=20mA
Rank
Condition:IF=20mA
Unit:mW/sr
Bin Number
M
N
P
Q
Min
7.8
11.0
15.0
21.0
Max
12.5
17.6
24.0
34.0


Similar Part No. - IR333C-H0-L10_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR333C-H0-L10 EVERLIGHT-IR333C-H0-L10 Datasheet
183Kb / 7P
   5mm Infrared LED , T-1 3/4
More results

Similar Description - IR333C-H0-L10_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR333C-A ETC2-IR333C-A Datasheet
145Kb / 8P
   5mm Infrared LED
logo
Everlight Electronics C...
HIR323C EVERLIGHT-HIR323C_15 Datasheet
248Kb / 8P
   5mm Infrared LED
HIR7393C EVERLIGHT-HIR7393C_15 Datasheet
203Kb / 7P
   5mm Infrared LED
IR333-H0-L10 EVERLIGHT-IR333-H0-L10_15 Datasheet
271Kb / 8P
   5mm Infrared LED
EAILP05RDDA4 EVERLIGHT-EAILP05RDDA4 Datasheet
253Kb / 9P
   5mm Infrared LED
EAILP05RDTA0 EVERLIGHT-EAILP05RDTA0 Datasheet
926Kb / 7P
   5mm Infrared LED
HIR323C-H0 EVERLIGHT-HIR323C-H0_15 Datasheet
181Kb / 7P
   5mm Infrared LED
HIR7373C EVERLIGHT-HIR7373C_15 Datasheet
237Kb / 8P
   5mm Infrared LED
HIR333C-H0 EVERLIGHT-HIR333C-H0_15 Datasheet
261Kb / 8P
   5mm Infrared LED
HIR333-H0 EVERLIGHT-HIR333-H0_15 Datasheet
261Kb / 8P
   5mm Infrared LED
IR333-A EVERLIGHT-IR333-A_15 Datasheet
268Kb / 8P
   5mm Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com