Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66186-004 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66186-004
Description  TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66186-004 Datasheet(HTML) 1 Page - Micropac Industries

  66186-004 Datasheet HTML 1Page - Micropac Industries 66186-004 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
7 - 12
66186 TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
PHOTOTRANSISTOR OUTPUT
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
2 Channels of high voltage MC-099
1500 Vdc isolation test voltage
TTL/CMOS compatible input
Small size, dense package
Hermetic seal for high reliability
Element evaluation performed upon request
Applications:
COTS
Military and Space
High reliability systems
Isolated receiver input
Communication systems
Medical systems
DESCRIPTION
The 66186 is a two channel optocoupler with both output phototransistors isolated for independent operation. Each
channel has an LED and a phototransistor. Maximum isolation can be achieved while providing high current transfer
ratios. The 66186 is in a 8 pin hermetically sealed package and is available in COTS, standard, and screened versions
or tested to customer specifications.
Package Dimensions
Schematic Diagram
SID E VIEW
K 2
K 1
T O P VIEW
8
7
6
5
2
4
A 2
3
A1 1
C1
E2
C2
E N D VIEW
E1
1
8
YYW W
4
2
3
XXXX
US A
5
76
0.370 [9 .4 0]
0.390 [9 .9 0]
0.320 [8 .1 3]
0.007 [0 .1 8]
0.013 [0 .3 3]
0.310 [7 .8 8]
0.280 [7 .1 1]
0.170 [4 .3 2]M A X
0.020 [0 .5 1]M IN
0.150 [3 .8 1]M IN
PIN O N E
0.090 [2 .2 8]
0.110 [2 .8 0]
0.020 [0 .5 0]M A X
PIN O N E
T YPE N U M B E R
DA T E CO DE
ABSOLUTE MAXIMUM RATINGS
Storage Temperature............................................................................................................................................. -65°C to +150°C
Operating Temperature ......................................................................................................................................... -55°C to +125°C
Lead Solder Temperature...........................................................................................260°C for 10s (1.6mm below seating plane)
Peak Forward Input Current (each channel) ..................................................................................................60mA (1ms duration)
Average Forward Input Current (each channel)..................................................................................................................... 20mA
Input Power Dissipation (each channel)................................................................................................................................ 75mW
Reverse Input Voltage (each channel) .........................................................................................................................................5V
Output Current - IO(each channel) ......................................................................................................................................... 25mA
Output Power Dissipation (each channel)............................................................................................................................. 40mW
Output voltage - VO (each channel) ............................................................................................................................................70V


Similar Part No. - 66186-004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
66180-1 ETC1-66180-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
66180-3 ETC1-66180-3 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
logo
Micropac Industries
66181 MICROPAC-66181 Datasheet
92Kb / 2P
   30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
66181-001 MICROPAC-66181-001 Datasheet
92Kb / 2P
   30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
66181-011 MICROPAC-66181-011 Datasheet
92Kb / 2P
   30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
More results

Similar Description - 66186-004

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com