Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66189-101 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66189-101
Description  RADIATION TOLERANT OPTOCOUPLER PIN FOR PIN REPLACEMENT FOR 3C91C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66189-101 Datasheet(HTML) 2 Page - Micropac Industries

  66189-101 Datasheet HTML 1Page - Micropac Industries 66189-101 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
3 - 45
66189
RADIATION TOLERANT OPTOCOUPLER
Revision B
7/14/00
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Static Reverse Current
IR
1µA
VR = 3V
Input Diode Static Forward Voltage
VF
1.8
2.0
V
IF = 10mA
Input Diode Static Forward Voltage
VF
1.9
2.2
V
IF = 20mA
Reverse Breakdown Voltage
BVR
712
V
IR = 100µA
Input Diode Capacitance
CIN
25
pF
V = 0V, f = 1MHz
OUTPUT TRANSISTOR
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
48
V
IC = 1mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
57
V
IC = 0mA, IE = 10µA, IF = 0
Collector-Emitter Dark Current
ICEO
ICEO
50
10
nA
nA
VCE = 40V, IF = 0mA
VCE = 5V, IF = 0mA
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
On State Collector Current
IC(ON)
4mA
VCE = 5V, IF = 10mA
On State Collector Current
IC(ON)
3mA
VCE = 0.4V, IF = 10mA
On State Collector Current
-55°C
IC(ON)
2mA
VCE = 5V, IF = 10mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.4
V
IF = 50mA, IC = 10mA
Isolation Resistance
RISO
10
9
VIN-OUT = 500V
Input to Output Capacitance
CIO
2
2.5
pF
f = 1MHz
Delay Time
td
24
µs
VCE = 5V, IF = 2mA, RL = 100
Storage Time
ts
0.2
0.5
µs
VCE = 5V, IF = 2mA, RL = 100
Rise Time
tr
35
µs
VCE = 5V, IF = 2mA, RL = 100
Fall Time
tf
47
µs
VCE = 5V, IF = 2mA, RL = 100
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
01
µA
Input Current, High Level
IFH
220
mA
Supply Voltage
VCE
550
V
Operating Temperature
TA
-55
100
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66189-001
Commercial optocoupler with 100% testing
66189-101
Optocoupler with Group “A” testing
66189-103
Optocoupler screened to JANTX
66189-105
Optocoupler screened to JANTXV


Similar Part No. - 66189-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
66180-1 ETC1-66180-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
66180-3 ETC1-66180-3 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
logo
Micropac Industries
66181 MICROPAC-66181 Datasheet
92Kb / 2P
   30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
66181-001 MICROPAC-66181-001 Datasheet
92Kb / 2P
   30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
66181-011 MICROPAC-66181-011 Datasheet
92Kb / 2P
   30kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
More results

Similar Description - 66189-101

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66168 MICROPAC-66168 Datasheet
86Kb / 2P
   PROTON RADIATION TOLERANT OPTOCOUPLER (Pin-for-Pin Replacement for 4N49)
66193 MICROPAC-66193 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
logo
List of Unclassifed Man...
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
   Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
logo
Skyworks Solutions Inc.
OLI249 SKYWORKS-OLI249 Datasheet
333Kb / 6P
   Radiation-Tolerant, Phototransistor Optocoupler for Hybrid Assembly
February 28, 2020
logo
Micropac Industries
66163 MICROPAC-66163 Datasheet
86Kb / 2P
   SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
logo
M.S. Kennedy Corporatio...
MSK0024 MSK-MSK0024_15 Datasheet
221Kb / 5P
   Pin Similar Replacement for LH0024
logo
Skyworks Solutions Inc.
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
   Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
logo
Micropac Industries
66099 MICROPAC-66099 Datasheet
87Kb / 2P
   HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
logo
Skyworks Solutions Inc.
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
   Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
logo
M.S. Kennedy Corporatio...
MSK0004 MSK-MSK0004_15 Datasheet
224Kb / 5P
   Pin Similar Replacement for the LH0004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com