Electronic Components Datasheet Search |
|
1300990081 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
1300990081 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 10/20/2015 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 1300990081 Status: Active Overview: Strain-Relief Cord Grips Description: MAX-LOC® Strain Relief Cord-Sealing Grip, 1/2" NPT, Straight Male, Cable Diameter 9.53-11.10mm (.375-.437"), Non-Metallic Mesh Documents: Drawing (PDF) Product Literature (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR32159 UL E76954 General Product Family Cable Grips Series 130099 Eye Type N/A NEMA Rating NEMA 3R O-Ring No Overview Strain-Relief Cord Grips Product Literature Order No 987650-8064 Product Name MAX-LOC® Type Strain Relief Grip UPC 78678805529 Use With 1/2" NPT MAX-LOC® Lock Nut 130099-0143 , MAX- LOC® O-Ring, 1/2" NPT 130180-0314 , 1/2" NPT MAX- LOC® Gasket 130099-0149 Woodhead Yes Physical Approximate Break Strength N/A Bale Length N/A Body Style Straight Cable Diameter 9.53-11.10mm (.375-.437") Color - Grommet Green Gender Male Material - Body Nylon Material - Grip Nylon Mesh Length N/A Number of Holes 1 Thread Size 1/2" NPT Material Info Old Part Number 5528NM Reference - Drawing Numbers Sales Drawing SD-130099-005 Series image - Reference only EU ELV Not Reviewed EU RoHS China RoHS Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Not Reviewed ELV Not Reviewed Search Parts in this Series 130099 Series This document was generated on 10/20/2015 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 1300990081 |
|
Similar Description - 1300990081 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |