Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37207MF-106FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M37207MF-106FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207MF-106FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37207MF-106FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37207MF-106FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37207MF-106FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37207MF-106FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37207MF-106FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37207MF-106FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37207MF-106FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37207MF-106FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37207MF-106FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
6
Power source voltage
Power dissipation
Operating temperature range
Device structure
Package
CRT display
function
Number of display characters
Character display area
Kinds of character sizes
Kinds of character colors
Display position (horizontal, vertical)
M37207M8-XXXSP
Kinds of
characters
CRT ON
CRT OFF
CRT OFF
Functions
5 V ± 10 %
165 mW typ. (at oscillation frequency f(XIN) = 8 MHz, fOSC = 8 MHz)
82.5 mW typ. (at oscillation frequency f(XIN) = 8 MHz)
0.33 mW typ. (at oscillation frequency fCLK = 32 kHz, f(XIN) = stopped)
1.1 mW (maximum)
–10 °C to 70 °C
CMOS silicon gate process
64-pin shrink plastic molded DIP
80-pin plastic molded QFP
24 characters !3 lines (maximum 16 lines by software)
12 !16 dots
256 Kinds
384 Kinds
4 kinds
Maximum 15 kinds (R, G, B, I); can be specified by the character
64 levels (horizontal) ! 128 levels (vertical)
Parameter
FUNCTIONS (continued)
In high-speed
mode
In low-speed
mode
In stop mode
M37207MF-XXXSP, M37207M8-XXXSP
M37207EFSP
M37207MF-XXXFP, M37207EFFP
M37207MF-XXXSP/FP,
M37207EFSP/FP


Similar Part No. - M37207MF-106FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37207MF-XXXFP RENESAS-M37207MF-XXXFP Datasheet
2Mb / 122P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
M37207MF-XXXSP RENESAS-M37207MF-XXXSP Datasheet
2Mb / 122P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37207MF-106FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37207MF RENESAS-M37207MF Datasheet
2Mb / 122P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com