Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300990162 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300990162
Description  MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300990162 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300990162 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300990162
Status:
Active
Overview:
Strain-Relief Cord Grips
Description:
MAX-LOC® Strain Relief Cord-Sealing Grip, 3/4" NPT, Straight Male, Cable Diameter
9.53-11.10mm (.375-.437"), Non-Metallic Mesh
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR32159
UL
E76954
General
Product Family
Cable Grips
Series
130099
Eye Type
N/A
NEMA Rating
NEMA 3R
O-Ring
No
Overview
Strain-Relief Cord Grips
Product Literature Order No
987650-8064
Product Name
MAX-LOC®
Type
Strain Relief Grip
UPC
78678856245
Use With
3/4" NPT MAX-LOC® Lock Nut 130099-0144 , 3/4" NPT
MAX-LOC® Gasket Sealing Ring 130099-0150 , 3/4"
NPT MAX-LOC® O-Ring 130180-0333
Woodhead
Yes
Physical
Approximate Break Strength
N/A
Bale Length
N/A
Body Style
Straight
Cable Diameter
9.53-11.10mm (.375-.437")
Color - Grommet
Green
Gender
Male
Material - Body
Nylon
Material - Grip
Nylon
Mesh Length
N/A
Number of Holes
1
Thread Size
3/4" NPT
Material Info
Old Part Number
5624NM
Reference - Drawing Numbers
Sales Drawing
SD-130099-005
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130099 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300990162

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300990162 MOLEX-1300990162 Datasheet
154Kb / 1P
   STRAIN RELIEF MAX-LOC NON-METALLIC STRAIGHT MALE
2014/11/18
1300990162 MOLEX-1300990162 Datasheet
154Kb / 1P
   STRAIN RELIEF MAX-LOC NON-METALLIC STRAIGHT MALE
2015/11/18
1300990162 MOLEX-1300990162 Datasheet
154Kb / 1P
   STRAIN RELIEF MAX-LOC NON-METALLIC STRAIGHT MALE
2014/11/18
1300990162 MOLEX-1300990162 Datasheet
154Kb / 1P
   STRAIN RELIEF MAX-LOC NON-METALLIC STRAIGHT MALE
2014/11/18
1300990162 MOLEX-1300990162 Datasheet
154Kb / 1P
   STRAIN RELIEF MAX-LOC NON-METALLIC STRAIGHT MALE
2014/11/18
More results

Similar Description - 1300990162

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130099-0092 MOLEX11-130099-0092 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
130099-0093 MOLEX11-130099-0093 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
130099-0104 MOLEX11-130099-0104 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
1300980220 MOLEX11-1300980220 Datasheet
44Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
1300990161 MOLEX11-1300990161 Datasheet
35Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
1300990010 MOLEX11-1300990010 Datasheet
34Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
1300980128 MOLEX11-1300980128 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
130099-0162 MOLEX11-130099-0162 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
130099-0096 MOLEX11-130099-0096 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
130099-0100 MOLEX11-130099-0100 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com