Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67023-104C Datasheet(PDF) 4 Page - Micropac Industries

Part # 67023-104C
Description  HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67023-104C Datasheet(HTML) 4 Page - Micropac Industries

  67023-104C Datasheet HTML 1Page - Micropac Industries 67023-104C Datasheet HTML 2Page - Micropac Industries 67023-104C Datasheet HTML 3Page - Micropac Industries 67023-104C Datasheet HTML 4Page - Micropac Industries 67023-104C Datasheet HTML 5Page - Micropac Industries 67023-104C Datasheet HTML 6Page - Micropac Industries 67023-104C Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
2 - 7
4N51, 4N52,
67023 4N53, 4N54
HERMETIC, NUMERIC AND HEXIDECIMAL DISPLAYS
*RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage
4N51
4N52
4N53
4N54
VCC
4.5
4.5
NA
4.5
5.5
5.5
NA
5.5
V
V
NA
V
Operating Temperature
ALL
tA
-55
100
°C
Enable Pulse Width
4N51
4N52
4N54
tW
100
ns
Time data must be held before positive
4N51
transition of enable line
4N52
4N54
tSETUP
50
ns
Time data must be held after positive
4N51
transition of enable line
4N52
4N54
tHOLD
50
ns
Enable pulse rise time
4N51
4N52
4N54
tTLH
200
ns
Forward Current
4N53
IF
510
m
SELECTION GUIDE
67023-001
4N51 Commercial (0° to 70°C)
67023-101
4N51 Screened to TXV level (-55° to +100°C) with 100% screening.
67023-101C
4N51 marked with DSCC P/N JM87157/00101AXX (-55° to +100°C) with 100% screening.
67023-002
4N52 Commercial (0° to 70°C)
67023-102
4N52 Screened to TXV level (-55° to +100°C) with 100% screening.
67023-102C
4N52 marked with DSCC P/N JM87157/00102AXX (-55° to +100°C) with 100% screening.
67023-003
4N53 Commercial (0° to 70°C)
67023-103
4N53 Screened to TXV level (-55° to +100°C) with 100% screening.
67023-103C
4N53 marked with DSCC P/N JM87157/00103AXX (-55° to +100°C) with 100% screening.
67023-004
4N54 Commercial (0° to 70°C)
67023-104
4N54 Screened to TXV level (-55° to +100°C) with 100% screening.
67023-104C
4N54 marked with DSCC P/N JM87157/00104AXX (-55° to +100°C) with 100% screening.
67023-034
4N54, green commercial (0° to 70°C)
67023-315
4N54, green Mil-Temp (-55° to +100°C) with 100% screening.
NOTES:
1. When ordering DSCC part numbers, you may order by the MII part number or the DSCC part number.
2. The first X at the end of M87157/0010XA[X]X designates lead finish. In place of the X use A for hot solder dip
or C for gold finish.
3. Second X at the end of the M87157/0010XAX[X] designates luminous intensity code. In place of the X use C
thru K to indicate desired intensity level.
*JEDEC Registered Data


Similar Part No. - 67023-104C

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6702 FILTRONIC-6702 Datasheet
148Kb / 3P
   PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6702 APITECH-6702 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
List of Unclassifed Man...
6702-AAAA-0000 ETC2-6702-AAAA-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
6702-AAAB-0000 ETC2-6702-AAAB-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
6702-AABA-0000 ETC2-6702-AABA-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
More results

Similar Description - 67023-104C

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com