Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65270 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65270
Description  4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65270 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65270_15 Datasheet HTML 1Page - Texas Instruments TPS65270_15 Datasheet HTML 2Page - Texas Instruments TPS65270_15 Datasheet HTML 3Page - Texas Instruments TPS65270_15 Datasheet HTML 4Page - Texas Instruments TPS65270_15 Datasheet HTML 5Page - Texas Instruments TPS65270_15 Datasheet HTML 6Page - Texas Instruments TPS65270_15 Datasheet HTML 7Page - Texas Instruments TPS65270_15 Datasheet HTML 8Page - Texas Instruments TPS65270_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
COMP1
COMP
EA
CS
SLP
0.8V
ILIM
Latch
S
R
Q
Q
EN
OSC
Internal
LDO
BUCK 1
BUCK 2
Pre-Regulator, Voltage Reference,
Current Bias
23
21,22
24
19, 20
14
15,16
17,18
13
6
8
3
2
4
1
10
11
9
12
5
Logic
VIN1
BST1
LX1
FB1
VIN1
VOUT BUCK1
GND
BST2
LX2
FB2
VOUT BUCK2
GND
VIN2
FB1
SS1
FB1
FB2
COMP2
SS2
FB2
LOW_P
VCC
ROSC
EN 1 Logic
EN1
EN2 Logic
EN2
AGND
6
same as Buck 1
VIN2
180
o
Note: Pin numbers in block diagram are for HTSSOP (PWP) 24-pin package.
TPS65270
www.ti.com
SLVSAX7D – AUGUST 2011 – REVISED APRIL 2013
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PWP (R-PDSO-G)
TPS65270PWPR
TPS65270
–40°C to 85°C
RGE (S-PVQFN-N24)
TPS65270RGER or TPS65270RGET
TPS65270
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65270


Similar Part No. - TPS65270_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270PWPR TI1-TPS65270PWPR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270RGER TI1-TPS65270RGER Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270RGET TI1-TPS65270RGET Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
More results

Similar Description - TPS65270_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
[Old version datasheet]   4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com