Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65279VDAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279VDAPR
Description  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279VDAPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS65279VDAPR Datasheet HTML 1Page - Texas Instruments TPS65279VDAPR Datasheet HTML 2Page - Texas Instruments TPS65279VDAPR Datasheet HTML 3Page - Texas Instruments TPS65279VDAPR Datasheet HTML 4Page - Texas Instruments TPS65279VDAPR Datasheet HTML 5Page - Texas Instruments TPS65279VDAPR Datasheet HTML 6Page - Texas Instruments TPS65279VDAPR Datasheet HTML 7Page - Texas Instruments TPS65279VDAPR Datasheet HTML 8Page - Texas Instruments TPS65279VDAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TPS65279V
www.ti.com
SLVSBW1B – FEBRUARY 2013 – REVISED JANUARY 2014
4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN
CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
Check for Samples: TPS65279V
1
FEATURES
4.5-V to 18-V Wide Input Voltage Range
Dedicated Enable and Soft-Start for Each Buck
I2C Controlled 7-Bits VID Programmable
Peak Current-Mode Control with Simple
Output Voltage from 0.68 V to 1.95 V with
Compensation Circuit
10-mV Steps for Each Buck; Output Voltage
Cycle-by-Cycle Over Current Protection
Can Also be Set By Resistor Divider
180° Out-of-Phase Operation to Reduce Input
Programmable Slew Rate Control for Output
Capacitance and Power Supply Induced Noise
Voltage Transition
Over Temperature Protection
Up to 5-A Maximum Continuous Output
Available in 32-Pin Thermally Enhanced
Current in Buck 1 and Buck 2
HTSSOP (DAP) and 36-Pin QFN 6-mm x 6-mm
Buck 1 and Buck 2 can be Paralleled to Deliver
(RHH) Packages
up to 10-A Current
I2C Compatible Interface With Standard Mode
APPLICATIONS
(100 kHz) and Fast Mode (400 kHz)
DTV
I2C Read Back Power Good Status and Die
TCON
Temperature Warning
BDVD
Pulse Skipping Mode to Achieve High
Set Top Boxes
Efficiency in Light Load
Tablet PC
Adjustable Switching Frequency
200 kHz - 1.6 MHz Set by External Resistor
DESCRIPTION/ORDERING INFORMATION
The TPS65279V is a monolithic dual synchronous buck regulator with wide 4.5-V to 18-V operating input voltage
that can operate in 5-, 9-, 12- or 15-V bus voltages and battery chemistries. The converters are designed to
simplify its application while giving the designer the option to optimize their usage according to the target
application.
Each buck converter in TPS65279V has external feedback resistors that can be used for setting the initial start
up voltage. The feedback voltage reference for this start-up option is 0.6 V. Once the VID DAC is updated via the
I2C, the buck converter switches feedback resistors from external to internal. The output voltage in each buck
can be programmable from 0.68 V to 1.95 V in 10-mV steps with I2C Controlled 7-Bits VID.
Each buck converter in TPS65279V can also be I2C controlled for enabling/disabling output voltage, setting the
pulse skipping mode and reading the power good status and die temperature warning.
The switching frequency of the converters can be set from 200 kHz to 1.6 MHz with an external resistor. Two
converters have clock signal with 180° out-of-phase.
Two bucks in TPS65279V can be paralleled to deliver up to 10-A load current by floating the MODE pin. Two
phase operation in current sharing reduces system filtering capacitance and inductance, alleviates EMI and
improves output voltage ripple and noise.
TPS65279V features dedicated enable pin when I2C interface is not used. Independent soft-start pin provides
flexibility in power up programmability. Constant frequency peak current mode control simplifies the
compensation and provides fast transient response. Cycle-by-cycle over current protection and hiccup mode
operation limit MOSFET power dissipation in short circuit or over loading fault conditions. Low side reverse over
current protection also prevents excessive sinking current from damaging the converter.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65279VDAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65279VDAPR TI-TPS65279VDAPR Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
More results

Similar Description - TPS65279VDAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65279V TI-TPS65279V Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65273V TI-TPS65273V_15 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 3.5-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65279 TI-TPS65279_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
TPS65276V TI-TPS65276V Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS563900 TI-TPS563900_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V To 18-V Input Voltage, 3.5-A/3.5-A Dual Synchronous Step-Down Converter With I2C Controlled VID
TPS65276V TI-TPS65276V_15 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com