Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65280 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65280
Description  DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65280 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65280_15 Datasheet HTML 1Page - Texas Instruments TPS65280_15 Datasheet HTML 2Page - Texas Instruments TPS65280_15 Datasheet HTML 3Page - Texas Instruments TPS65280_15 Datasheet HTML 4Page - Texas Instruments TPS65280_15 Datasheet HTML 5Page - Texas Instruments TPS65280_15 Datasheet HTML 6Page - Texas Instruments TPS65280_15 Datasheet HTML 7Page - Texas Instruments TPS65280_15 Datasheet HTML 8Page - Texas Instruments TPS65280_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Driver
Current
Limit
CS
Charge
Pump
4 ms Degl.
Time
UVLO
POR
10ms Degl .
Time
enable buffer
current sensing
reverse voltage
comparator
1 .25 M
12
SW_OUT1
nFAULT 1
8
6
EN_SW1
SW_IN
13
Driver
Current
Limit
CS
Charge
Pump
4 ms Degl.
Time
10ms Degl .
Time
enable buffer
current sensing
reverse voltage
comparator
1 .25M
9
SW_OUT2
nFAULT 2
7
5
EN_SW1
SW_IN
14
11
AGND
10
NC
POWER SWITCH2
POWER SWITCH1
1 .25 M
1
EN
1 .25 M
5V
VIN
22
VIN
21
LX
16
LX
17
PGND
20
19
PGND
420 K
80 K
12p
15
FB
2
COMP
0 .8 V
3
SS
1ms Internal
Soft Start
Current Sensing
(0 .1 V/ A)
CS
HS current sensing
CS
LS current sensing
Voltage Reference
Current Bias
LDO
BST
18
V7 V
Preregulator
Buck
Controller
24
V7V
enable buffer
Oscillotor
Mode/Sync
4
ROSC
10uA
23
MODE/SYNC
error amplifer
PWM comparator
HS driver
LS driver
BUCK
slope
comp
5 V
1 .25M
1 .25M
TPS65280
SLVSBE4A – JUNE 2012 – REVISED SEPTEMBER 2012
www.ti.com
FUNCTION BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65280


Similar Part No. - TPS65280_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280RGER TI1-TPS65280RGER Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGET TI1-TPS65280RGET Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
More results

Similar Description - TPS65280_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI1-TPS65280 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108 Datasheet
1Mb / 18P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
Rev. B, 11-Nov-13
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS65282 TI-TPS65282 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_09 Datasheet
307Kb / 13P
   5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
logo
ABLIC Inc.
S-1740 ABLIC-S-1740 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
logo
Infineon Technologies A...
TLE4484 INFINEON-TLE4484 Datasheet
136Kb / 11P
   Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.0 2000-08-04
IFX21004TNV51 INFINEON-IFX21004TNV51 Datasheet
1Mb / 14P
   Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.00, 2010-11-04
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com