Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65286RHDT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65286RHDT
Description  TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65286RHDT Datasheet(HTML) 1 Page - Texas Instruments

  TPS65286RHDT Datasheet HTML 1Page - Texas Instruments TPS65286RHDT Datasheet HTML 2Page - Texas Instruments TPS65286RHDT Datasheet HTML 3Page - Texas Instruments TPS65286RHDT Datasheet HTML 4Page - Texas Instruments TPS65286RHDT Datasheet HTML 5Page - Texas Instruments TPS65286RHDT Datasheet HTML 6Page - Texas Instruments TPS65286RHDT Datasheet HTML 7Page - Texas Instruments TPS65286RHDT Datasheet HTML 8Page - Texas Instruments TPS65286RHDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Loading (A)
12V
24V
C020
Efficiency at V
= 5 V,
OUT
f
= 500 kHz
SW
TPS65286
SW_EN1
nFAULT2
SW_EN2
SW_OUT1
EN
SW_OUT2
SS
COMP
RLIM
AGND
VIN
+5V
SW_EN1
C10
C2
22
23
24
25
26
27
12
11
10
9
8
L1
MODE/
SYNC
14
28
RSET2
RSET1
FB
USB Data
USB Data
C8
C9
C3
R5
R7
nFAULT1
ENable
R8
13
R4
R3
R2
R5
C5
R6
FB
SW_EN2
C4
nFAULT2
C11
C7
FB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65286
SLVSCG1 – MARCH 2014
TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage,
6-A Output Current Synchronous Buck Regulator
1 Features
3 Description
The TPS65286 is a full featured 4.5-V to 28-V VIN,
1
Integrated Dual Power Distribution Switches:
6-A output current synchronous step down DCDC
2.5 V to 6 V Operating Input Voltage Range
converter, which is optimized for small designs
Integrated Back-to-Back Power MOSFETs
through high efficiency and integrating the high-side
With Typical 100-m
Ω On-Resistance
and
low-side
MOSFETs.
The
device
also
incorporates
dual
N-channel
MOSFET
power
Adjustable Current Limiting from 75 mA to
switches for power distribution systems. This device
2.7 A
provides a total power distribution solution, where
±6% Current-Limit Accuracy at 1.2 A (Typical)
precision current limiting and fast protection response
Latch-off Over Current Protection Versions
are required.
Reverse Input-Output Voltage Protection
A dual 100-m
Ω independent power distribution switch
limits the output current to a programmable current
Built-In Soft-Start
limit threshold between typical 50 mA~2.7 A by using
Integrated Buck DCDC Converter:
an external resistor. The current limit accuracy can be
4.5 V to 28 V Wide Input Voltage Range
achieved as tightly as ±6% at typical 1.2 A. The
Maximum Continuous 6-A Output Load
nFAULT output asserts low under over-current and
reverse-voltage conditions.
Current
Feedback Reference Voltage 0.6 V ±1%
Constant frequency peak current mode control in the
DCDC converter simplifies the compensation and
Fixed 500-kHz Switching Frequency
optimizes transient response. Cycle-by-cycle over-
Built-In Internal Soft-Start Time: 1 ms
current protection and operating in hiccup mode limit
Cycle-by-Cycle Current Limit
MOSFET power dissipation. When die temperature
exceeds thermal over loading threshold, the over
Adjustable Current Limit Threshold
temperature protection shuts down the device.
Output Over-Voltage Protection
External Clock Synchronization
Device Information
Over Temperature Protection
ORDER NUMBER
PACKAGE
BODY SIZE
TPS65286RHD
VQFN (28)
5 mm x 5 mm
2 Applications
USB Ports and USB Hubs
Digital TV
Computing Power
Laptop Dock
Car Infotainment
Monitoring
4 Simplified Schematic
Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS65286RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI1-TPS65280 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGER TI1-TPS65280RGER Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGET TI1-TPS65280RGET Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65281 TI-TPS65281 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - TPS65286RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65282 TI-TPS65282 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com