Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65400RGZR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65400RGZR
Description  TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65400RGZR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65400RGZR Datasheet HTML 4Page - Texas Instruments TPS65400RGZR Datasheet HTML 5Page - Texas Instruments TPS65400RGZR Datasheet HTML 6Page - Texas Instruments TPS65400RGZR Datasheet HTML 7Page - Texas Instruments TPS65400RGZR Datasheet HTML 8Page - Texas Instruments TPS65400RGZR Datasheet HTML 9Page - Texas Instruments TPS65400RGZR Datasheet HTML 10Page - Texas Instruments TPS65400RGZR Datasheet HTML 11Page - Texas Instruments TPS65400RGZR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
TPS65400
SLVSCQ9B – NOVEMBER 2014 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
VIN = 12 V, Frequency = 500 kHz, TJ = –40°C to 125°C, typical values are at TJ = 25°C, unless otherwise indicated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent non-switching, no load
CE high, VFB >> VREF, (no
IVIN
8
mA
current
switching)
ISD
Quiescent shutdown current
CE low
12
27
µA
VIN_UVLO
Input voltage UVLO
Rising
4.25
4.48
V
VIN_UVLO
Input voltage UVLO
Falling
3.4
3.75
V
PGOOD, ENSWx, RST_N, SSx, PG
Resistance of PGOOD outputs when
R_LPGOOD
500
Ω
low
V_OLPGOOD
Logic output low voltage
I_OL = 100 µA
0.1
V
ISS
Soft-start current
4.1
5.6
7.3
µA
Enable logic high threshold (for ENSW1,
VEN
VEN rising
1.12
1.20
1.28
V
ENSW2, ENSW3, ENSW4)
Enable logic low threshold (for ENSW1,
VEN_L
VEN falling
0.97
1.07
V
EN_L ENSW2, ENSW3, ENSW4)
Enable hysteresis (for ENSW1, ENSW2,
VEN_HYS
VEN falling
130
mV
ENSW3, ENSW4)
IEN
ENSWx pin pullup current
VEN = 0
2
µA
ICE
CE pin pullup current
VCE = 0
2
µA
VIH_CE
Logic input high for CE
1.3
V
VIL_CE
Logic input low CE
0.4
V
VIH_RSTN
Logic input high RST_N
1.3
V
VIL_RSTN
Logic input low RST_N
0.4
V
I2C MODULE (SDA, SCL, I2CALERT, I2CADDR)
V_ILI2C
Logic input low SCL, SDA
0.8
V
V_IHI2C
Logic input high for SCL, SDA
2.1
V
ON resistance of I2C pins
R_LI2C
I2CALERT = 1
85
Ω
(SDA,SCL,I2CALERT) to GND
Logic output low voltage for
V_OLI2C
I_OL = 350 µA
0.1
V
SCL,SDA,I2CALERT pins
ILEAK
Input leakage current
SDA, SCL = 3.3 V
1
µA
II2CADDR
Source current of I2CADDR pin
VDDD = 3.3 V, VIN > 4.5 V
20
µA
tTIMEOUT
Timeout detection on SDA or SCL low
30
ms
tTIMEOUT_PULSE Duration of timeout pulse on I2CALERT
200
µs
FAULTS
TTSD
(2)
Thermal shutdown threshold
160
⁰C
TTSD_restart
(2)
Thermal shutdown hysteresis
20
⁰C
OVP threshold rising (fault latched,
% of
0.6V < VREF < 1.87 V
111
PGOOD asserted)
VREF
VFB_OVP
OVP threshold falling (fault cleared,
% of
0.6 V < VREF < 1.87 V
104
PGOOD deasserted)
VREF
Time after OVP before protection
tOVPSDOWN
55
95
µs
activation and PGOOD fall
Undervoltage threshold (PGOOD
% of
0.6 V < VREF < 1.87 V
92
deasserted)
VREF
VFB UVP
Undervoltage Threshold (PGOOD
% of
0.6 V < VREF < 1.87 V
83
asserted)
VREF
tUVPSDOWN
Time after UVP before PGOOD fall
55
95
µs
(2)
Specified by lab validation.
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS65400


Similar Part No. - TPS65400RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65400 TI-TPS65400 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400QRGZRQ1 TI-TPS65400QRGZRQ1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400QRGZTQ1 TI-TPS65400QRGZTQ1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
More results

Similar Description - TPS65400RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
logo
Vishay Siliconix
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
   4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck짰 DC/DC Converter With PMBus Interface
01-Jan-2022
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com