Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65263 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65263
Description  TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65263 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65263 Datasheet HTML 5Page - Texas Instruments TPS65263 Datasheet HTML 6Page - Texas Instruments TPS65263 Datasheet HTML 7Page - Texas Instruments TPS65263 Datasheet HTML 8Page - Texas Instruments TPS65263 Datasheet HTML 9Page - Texas Instruments TPS65263 Datasheet HTML 10Page - Texas Instruments TPS65263 Datasheet HTML 11Page - Texas Instruments TPS65263 Datasheet HTML 12Page - Texas Instruments TPS65263 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
TPS65400-Q1
www.ti.com
SLVSCQ2 – JULY 2015
7.6 System Characteristics
The following specification table entries are specified by the design (component values provided in the typical application
circuit are used). These parameters are not specified by production testing. Minimum and Max values apply over the full
operating ambient temperature range (–40°C
≤ TJ ≤ 125°C), over the VIN range = 5 to 12 V, and IOUT range unless otherwise
specified. L = 3.3 µH, DCR = 10.4 m
Ω, VOUT = 1.2 V, 1% FB resistor.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLINEREG
Line regulation
0.1
%/V
VLOADREG
Load regulation
0.1
%/A
tr
VOUT step duration (tr)
For 50-mV step
30
µs
ts
VOUT step settling time (ts)
For 50-mV step
30
µs
VOVUV
VOUT step overshoot/undershoot
For 50-mV step
6
mV
Vin = 5 V, Vo = 1.2 V, Iout = 4 A,
77%
ƒsw = 500 kHz
Efficiency (SW1 and SW2)
Vin = 12 V, Vo = 1.2 V Iout = 4 A,
76%
ƒsw = 500 kHz
Vin = 5 V, Vo = 1.2 V, Iout = 2 A,
77%
ƒsw= 500 kHz
Efficiency (SW3 and SW4)
Vin = 12 V, Vo = 1.2 V Iout = 2 A,
74%
ƒsw = 500 kHz
Average ((1)) current sharing
IOUTmatch
accuracy (SW1 and SW2, SW3 and
Iload = IOUTmax
20%
SW4)
Peak current ((2)) sharing accuracy
IPKmatch
Iload = IOUTmax
20%
(SW1 and SW2, SW3 and SW4)
Timing accuracy for delays and
tacc
–10%
10%
restarts
Time after RSTn or CE is released
treset_delay
Default value
1
ms
for power sequence to begin
Minimum delay after reset is
treset_delay_max
released for power sequence to
treset_delay set to 0 ms
1.1
ms
0
begin
(1)
Average current sharing accuracy is highly dependent on the matching of the inductor and capacitor.
(2)
Peak current sharing accuracy refers to the max inductor current in each phase.
7.7 Operational Parameters
Values recommended that ensure proper system behavior
PARAMETER
MIN
TYP
MAX
UNIT
CA
Stabilization capacitor to be connected to VDDA
4.7
µF
CD
Stabilization capacitor to be connected to VDDD
3.3
µF
CG
Stabilization capacitor to be connected to VDDG
10
µF
Vin1, Vin2, Vin3, Vin4
SW1 to SW4 input voltage
4.5
18
V
Vout1, Vout2, Vout3, Vout4
SW1 to SW4 output voltage
0.6
90% of Vin
V
7.8 Package Dissipation Ratings
(1)
PACKAGE
RθJA (°C/W)
TA = 25°C
TA = 55°C
TA = 85°C
RGZ
29.8
4.5 W
3.14 W
1.77 W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65400-Q1


Similar Part No. - TPS65263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263 TI1-TPS65263 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI1-TPS65263 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1QRHBRQ1 TI1-TPS65263-1QRHBRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Similar Description - TPS65263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65400 TI-TPS65400_15 Datasheet
1Mb / 76P
[Old version datasheet]   TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
logo
Vishay Siliconix
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
   4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck짰 DC/DC Converter With PMBus Interface
01-Jan-2022
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com