Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1250 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R1250
Description  PHOTOMULTIPLIER TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R1250 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R1250_15 Datasheet HTML 1Page - Hamamatsu Corporation R1250_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
Parameter
Description
Unit
MAXIMUM RATINGS (Absolute Maximum Values)
For High Energy Physics, Fast Time Response, High Pulse Linearity
127 mm (5 Inch) Diameter, Bialkali Photocathode, 14-Stage, Head-on Type
CHARACTERISTICS (at 25
°C)
Parameter
Min.
Unit
Parameter
Value
Unit
Typ.
Max.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2010 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
PHOTOMULTIPLIER TUBE
R1250
Supply Voltage
Average Anode Current
3000
500
0.2
Between Anode and Cathode
Between Anode and Last Dynode
V
V
mA
55
7.0
300
70
9.0
22
1000
130
1.4
× 107
50
2.5
54
1.2
8.3
1.0
1.0
160
250
µA/lm
%
A/lm
nA
ns
ns
ns
%
%
%
mA
mA
300
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current (after 30 min storage in darkness)
Time Response
Pulse Height Resolution with 137Cs
Gain Deviation
Pulse Linearity *
Luminous (2856 K)
Blue Sensitivity Index (CS 5-58)
Quantum Efficiency at 390 nm
Luminous (2856 K)
Blue Sensitivity Index (CS 5-58)
Anode Pulse Rise Time
Electron Transit Time
Transit Time Spread
Long Term
Short Term
2 % Deviation
5 % Deviation
NOTE: Measured with special voltage distribution ratios shown in the Table 2.
nm
nm
mm
°C
°C
300 to 650
420
Bialkali
120
Borosilicate glass
Linear focused
14
-30 to +50
-30 to +50
20-pin base
E678-20B (supplied)
Material
Minimum Effective Area
Structure
Number of Stages
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Operating Ambient Temperature
Storage Temperature
Base
Suitable Socket
Supply Voltage: 2000 Vdc, K: Cathode, Dy: Dynode, P: Anode, G: Grid
Table 1: VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrode
Ratio
K
Dy1
0
Dy2
1.2
G1
2.5
G2
7.5
Dy3
1.8
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
1
Dy10 Dy11 Dy12
1.5
Dy13
1.5
3
2.5
Dy14
P
Supply Voltage: 2500 Vdc, K: Cathode, Dy: Dynode, P: Anode, G: Grid
Table 2: SPECIAL VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
FOR PULSE LINEARITY MEASUREMENT
Electrode
Ratio
Capacitors in
µF
K
Dy1
0
Dy2
1.2
G1
2.5
G2
7.5
Dy3
1.8
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1.2
Dy9
1.5
2
2.8
Dy10 Dy11 Dy12
4
Dy13
5.7
8
5
0.01
0.01
0.02
0.02
0.02
0.04
0.06
Dy14
P


Similar Part No. - R1250_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R125077000 ETC2-R125077000 Datasheet
26Kb / 2P
   STRAIGHT PLUG CRIMP OR SOLDER TYPE
logo
RICOH electronics devic...
R1250V201A RICOH-R1250V201A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
R1250V201A RICOH-R1250V201A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
R1250V201A-E2 RICOH-R1250V201A-E2 Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
More results

Similar Description - R1250_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com