Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74012 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS74012
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74012 Datasheet(HTML) 4 Page - Texas Instruments

  TPS74012_15 Datasheet HTML 1Page - Texas Instruments TPS74012_15 Datasheet HTML 2Page - Texas Instruments TPS74012_15 Datasheet HTML 3Page - Texas Instruments TPS74012_15 Datasheet HTML 4Page - Texas Instruments TPS74012_15 Datasheet HTML 5Page - Texas Instruments TPS74012_15 Datasheet HTML 6Page - Texas Instruments TPS74012_15 Datasheet HTML 7Page - Texas Instruments TPS74012_15 Datasheet HTML 8Page - Texas Instruments TPS74012_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS740xx
SBVS091C
– JUNE 2011 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = VOUT + 2.0 V, VIN = VOUT + 1 V, COUT = 10 μF, following
Recommended Resistor Values, and VEN = 1.1 V, unless otherwise noted. Typical values are at TJ = +25°C. TPS74001
(adjustable output voltage) is tested at VOUT = 0.9 V.
TPS740xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage range
1.2
6.0
V
VBIAS Bias pin voltage range
2.9
6.0
V
TJ = 25°C
–1
1
%
VOUT Accuracy
(1)
TJ = –40°C to +125°C
–2
2
%
VOUT/VIN Line regulation
VIN = VOUT + 1 V to 6.0 V
–0.1
0.01
0.1
%/V
VOUT/IOUT Load regulation
ILOAD = 0 mA to 1.5 A
(2)
1.5
%
VIN dropout voltage
(3)
ILOAD = 1.5 A
100
300
mV
VDO
VBIAS dropout voltage
(3)
ILOAD = 1.5 A, VIN = VBIAS
1.3
1.6
V
IGND Ground pin current
(4)
ILOAD = 1.5 A
2
3
mA
Shutdown supply current
Fixed output version only. VEN ≤ 0.4 V,
ISHDN
1
5
μA
(IGND)
TJ = –40°C to +85°C, VOUT = 0 V
IBIAS Bias pin current
ILOAD = 1.5 A
2
mA
ICL Current limit
VOUT = 80% × VOUT (NOM)
1.6
6.0
A
VEN, HI Enable input high level
1.1
6.0
V
VEN, LO Enable input low level
RLOAD = 1 kΩ to GND
0
0.4
V
IEN Enable pin current
VEN = 1.5 V
0.1
1
μA
Operating junction
TJ
–40
+125
°C
temperature
Shutdown, temperature increasing
+165
Thermal shutdown
TSD
°C
temperature
Reset, temperature decreasing
+140
VREF Reference voltage
0.882
0.9
0.918
V
(1)
Adjustable output voltage devices: resistor tolerance is not taken into account.
(2)
With a fixed output device, this test condition is ILOAD = 50 mA to 1.5 A.
(3)
Dropout is defined as the voltage from the input voltage to VOUT when VOUT is 3% below nominal.
(4)
IGND(MAX) = 3 mA includes the maximum 2 mA of IBIAS.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS740xx


Similar Part No. - TPS74012_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74012DGKR TI1-TPS74012DGKR Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012DGKR TI1-TPS74012DGKR Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012DGKT TI1-TPS74012DGKT Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012DGKT TI1-TPS74012DGKT Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
More results

Similar Description - TPS74012_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com