Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3880 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N3880
Description  Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3880 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3880 Datasheet HTML 1Page - Microsemi Corporation 1N3880 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1N3880

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3880 IRF-1N3880 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3880 NJSEMI-1N3880 Datasheet
49Kb / 1P
   GENERAL PURPOSE INDUSTRIAL
logo
Vishay Siliconix
1N3880 VISHAY-1N3880 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
logo
GeneSiC Semiconductor, ...
1N3880 GENESIC-1N3880 Datasheet
736Kb / 3P
   Silicon Fast Recovery Diode
logo
Solid States Devices, I...
1N3880 SSDI-1N3880 Datasheet
201Kb / 2P
   6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
More results

Similar Description - 1N3880

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com