Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2656 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L2656
Description  Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L2656 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L2656_15 Datasheet HTML 1Page - Hamamatsu Corporation L2656_15 Datasheet HTML 2Page - Hamamatsu Corporation L2656_15 Datasheet HTML 3Page - Hamamatsu Corporation L2656_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Infrared LED
L2656 series
Emission spectrum
Forward current vs. forward voltage
Radiant flux vs. forward current
Directivity
700
800
900
1000
0
40
20
60
80
100
Wavelength (nm)
(Typ. Ta=25 °C, IF=50 mA)
1
10
100
1000
1
10
100
1000
Forward current (mA)
L2656
L2656-03
(Typ. Ta=25 °C, tw=100 μs, 0.1%)
1.0
1.5
2.0
2.5
3.0
3.5
10
100
1000
Forward voltage (V)
(Typ. Ta=25 °C, tw=100 μs, 0.1%)
KLEDB0201EA
KLEDB0142EB
KLEDB0143EA
Relative radiant output (%)
(Typ. Ta=25 °C)
80
%
40%
60%
20
%
20°
10°
10°
20°
90°
80°
50°
40°
30°
70°
60°
90°
80°
50°
40°
30°
70°
60°
L2656
L2656-03
100
%
KLEDB0144EA


Similar Part No. - L2656_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L2656-03 HAMAMATSU-L2656-03 Datasheet
129Kb / 2P
   High power GaAIAs infrared LED
More results

Similar Description - L2656_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com