Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86LE-G Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT93C86LE-G
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86LE-G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT93C86LE-G Datasheet HTML 5Page - ON Semiconductor CAT93C86LE-G Datasheet HTML 6Page - ON Semiconductor CAT93C86LE-G Datasheet HTML 7Page - ON Semiconductor CAT93C86LE-G Datasheet HTML 8Page - ON Semiconductor CAT93C86LE-G Datasheet HTML 9Page - ON Semiconductor CAT93C86LE-G Datasheet HTML 10Page - ON Semiconductor CAT93C86LE-G Datasheet HTML 11Page - ON Semiconductor CAT93C86LE-G Datasheet HTML 12Page - ON Semiconductor CAT93C86LE-G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CAT93C86 (Rev. C)
© 2009 SCILLC. All rights reserved
11
Doc. No. MD-1091 Rev. S
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
ORDERING INFORMATION
Orderable Part Numbers
CAT93C86LI-G
CAT93C86LE-G
CAT93C86VI-GT3
CAT93C86VE-GT3
CAT93C86WI-GT3
CAT93C86WE-GT3
CAT93C86XI-T2
CAT93C86XE-T2
CAT93C86ZD4I-GT3
CAT93C86ZD4E-GT3
CAT93C86VI1.8GT3*
* Part number is not exactly the same as the “Example of Ordering Information” shown above. For part numbers marked with
* there are NO
hyphens in the orderable part numbers.
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a 93C86VI-GT3 (SOIC, Industrial Temperature, 1.8 V to 5.5 V, NiPdAu, Tape & Reel, 3,000/Reel)
(4) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWE.) For additional
information, please contact your ON Semiconductor sales office.
(5) For SOIC, EIAJ (X) package the standard lead finish is Matte-Tin. This package is available in 2,000/Reel, i.e., CAT93C86XI-T2.
(6) For additional package and temperature options, please contact your nearest ON Semiconductor sales office.
Prefix
Device #
Suffix
CAT
93C86
V
I
-1.8
-G
T3
Rev C (4)
Company ID
Product Number
93C86
Temperature Range
I = Industrial (-40°C to +85°C)
E = Extended (-40°C to +125°C)
Lead Finish
Blank: Matte-Tin
G: NiPdAu
Package
L = PDIP
V = SOIC, JEDEC
W = SOIC, JEDEC
X = SOIC, EIAJ
(5)
ZD4 = TDFN (3 x 3 mm)
Tape & Reel
T: Tape & Reel
2: 2,000/Reel
(5)
3: 3,000/Reel
Die Revision
93C86: C
Operating Voltage
Blank (VCC = 2.5 V to 5.5 V)
1.8 (VCC = 1.8 V to 5.5 V)
For Product Top Mark Codes, click here:
http://www.catsemi.com/techsupport/producttopmark.asp


Similar Part No. - CAT93C86LE-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86LE-GT2 CATALYST-CAT93C86LE-GT2 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86LE-GT2C ONSEMI-CAT93C86LE-GT2C Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
logo
Catalyst Semiconductor
CAT93C86LE-GT3 CATALYST-CAT93C86LE-GT3 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86LE-GT3C ONSEMI-CAT93C86LE-GT3C Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
More results

Similar Description - CAT93C86LE-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com