Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS289 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS289
Description  20mA Air-Core Tachometer Drive Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS289 Datasheet(HTML) 4 Page - ON Semiconductor

  CS289 Datasheet HTML 1Page - ON Semiconductor CS289 Datasheet HTML 2Page - ON Semiconductor CS289 Datasheet HTML 3Page - ON Semiconductor CS289 Datasheet HTML 4Page - ON Semiconductor CS289 Datasheet HTML 5Page - ON Semiconductor CS289 Datasheet HTML 6Page - ON Semiconductor CS289 Datasheet HTML 7Page - ON Semiconductor CS289 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Function Generator Output (
∅): VCC=13.1V, TA=25°C
∅=ArcTan
(Measured angle after calibration at 180°C)
For
A=45°, 90°, 135°, 180°, 225°, 270°, (Desired angle)
(
A-∅M)≤4.0°
Temperature Sensitivity: VCC=13.1V
∆∅MT=∅M (T=25°C) -∅M (-20°C≤T≤+85°C)
(
∆∅MT)≤3.5°C, -20°C≤T≤+85°C
Voltage Sensitivity: TA=25°C
∆∅MV=∅M (VCC=13.1V) -∅M (11.3V≤VCC≤15V)
(
∆∅MV)≤2°, 11.3V≤VCC≤15V
Vsine
Vcos
B+
100
ZENER
5.4V
SINE
80mH
225
80mH
225
B+
15
18V
R2
2k
2k
1k
EΘ
TACH INPUT
RT
180k
*
COUT
1
µF
±10%
R1
1k
CT
0.01
µF
* ADJUST FOR TRIMMING
CS289
Figure 1. Functional Diagram of CS289 Circuit.
The input frequency is buffered through a transistor, then
applied to the charge pump for frequency-to-voltage con-
version (Figure 1). The charge pump output voltage, E
∅,
will range from 2.1V with no input (
∅= 0°) to 7.1V at ∅ =
270°. The charge that appears on CT is reflected to COUT
through a Norton amplifier. The frequency applied at
SQIN charges and discharges CT through R1 and R2. COUT
reflects the charge as a voltage across resistor RT.
Circuit Description
Charge Pump
Function Generator/Sine and Cosine Amplifiers
The output waveforms of the sine and cosine amplifiers
are derived by On-Chip Amplifier/Comparator circuitry.
The various trip points for the circuit (i.e. 90°, 180°, 270°)
are determined by an internal resistor divider connected
to the voltage regulator. The voltage E
∅ is compared to
the divider network by the function generator circuitry.
Use of an external zener reference at VZ allows both sine
and cosine amplifiers to swing positive and negative with
respect to this reference. The output magnitudes and
directions have the relationship as shown in Typical
Characteristics diagrams.
Note: Pin connections referenced are for the 14L DIP.


Similar Part No. - CS289

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS289 CHERRY-CS289 Datasheet
162Kb / 6P
   20mA Air-Core Tachometer Drive Circuit
CS289GDWF20 CHERRY-CS289GDWF20 Datasheet
162Kb / 6P
   20mA Air-Core Tachometer Drive Circuit
CS289GDWFR20 CHERRY-CS289GDWFR20 Datasheet
162Kb / 6P
   20mA Air-Core Tachometer Drive Circuit
CS289GN14 CHERRY-CS289GN14 Datasheet
162Kb / 6P
   20mA Air-Core Tachometer Drive Circuit
More results

Similar Description - CS289

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS289 CHERRY-CS289 Datasheet
162Kb / 6P
   20mA Air-Core Tachometer Drive Circuit
logo
NTE Electronics
NTE1670 NTE-NTE1670 Datasheet
22Kb / 2P
   Integrated Circuit Air Core Meter Driver
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
4726-22 API-4726-22 Datasheet
321Kb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com