Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAC-06040-ABA-JD-AE Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAC-06040-ABA-JD-AE
Description  ESD6100
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAC-06040-ABA-JD-AE Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAC-06040-ABA-JD-AE Datasheet HTML 4Page - ON Semiconductor KAC-06040-ABA-JD-AE Datasheet HTML 5Page - ON Semiconductor KAC-06040-ABA-JD-AE Datasheet HTML 6Page - ON Semiconductor KAC-06040-ABA-JD-AE Datasheet HTML 7Page - ON Semiconductor KAC-06040-ABA-JD-AE Datasheet HTML 8Page - ON Semiconductor KAC-06040-ABA-JD-AE Datasheet HTML 9Page - ON Semiconductor KAC-06040-ABA-JD-AE Datasheet HTML 10Page - ON Semiconductor KAC-06040-ABA-JD-AE Datasheet HTML 11Page - ON Semiconductor KAC-06040-ABA-JD-AE Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
KAC−06040
www.onsemi.com
8
Table 10. PERFORMANCE SPECIFICATIONS ALL CONFIGURATIONS
Description
Symbol
Min
Nom.
Max
Units
Sampling
Plan
Temperature
Tested at (5C)
Test
Notes
Photodiode Charge
Capacity
PNe
17
ke
Die
27, 40
16
Read Noise
neT
3.4 RS/GR DS
3.7 RS/GR TS
25 GS DS/TS
erms
Die
27
8
Total Pixelized
Noise
TPN
3.6 RS/GR DS
3.9 RS/GR TS
25 GS DS/TS
erms
Die
27
19
Dynamic Range
DR
74 RS/GR DS
73 RS/GR TS
57 GS DS/TS
dB
Die
27
3
Column Noise
CN
0.4 RS/GR DS/TS
2.4 GS DS/TS
erms
Die
27
9
5
Row Noise
RN
0.4 RS/GR DS
0.7 RS/GR TS
2.7 GS DS/TS
erms
Die
27
10
6
Dark Field Local
Non-Uniformity
Floor
DSNU_flr
1.3 RS/GR DS
1.7 RS/GR TS
10 GS DS/TS
erms
Die
27, 40
1
4
Bright Field Local
Photoresponse
Non-Uniformity
PRNU_1
1.1 Mono
1.5 Bayer
% rms
Die
27, 40
2
1
Bright Field Global
Photoresponse
Non-Uniformity
PRNU_2
3.7 Mono
3.4 Bayer
% pp
Die
27, 40
3
1
Maximum
Photoresponse
Non-Linearity
NL
5.4
%
Die
27, 40
11
2
Maximum Gain
Difference between
Outputs
DG
0.3
%
Die
27, 40
12
7
Photodiode Dark
Current
IPD
6.6
e/p/s
Die
40
13
8
Storage Node Dark
Current
IVD
1490
e/p/s
Die
40
14
4
Image Lag
Lag
1.6
e
Design
27, 40
15
Black-Sun
Anti-Blooming
XAB
15
> 10,000
W/cm2
xllumSat
Design
27
7
13
Parasitic Light
Sensitivity
PLS
728
Design
27
6
9
Dual-Video WDR
140 RS
120 GS
dB
Design
27
10, 11
Pulsed Pixel WDR
(GS Only)
100
dB
Design
27
12, 11
NOTE: RS = Rolling Shutter Operation Mode, GS = Global Shutter Operation Mode, GR = Global Reset, DS = Dual−Scan, TS = Tri−Scan
1. Measured per color, worst of all colors reported.
2. Value is over the range of 10% to 90% of photodiode saturation, Green response used.
3. Uses 20LOG (PNe / neT).
4. Photodiode dark current made negligible.
5. Column Noise Correction active.
6. Row Noise Correction active.
7. Measured at ∼70% illumination.
8. Storage node dark current made negligible.
9. GSE (Global Shutter Efficiency) = 1 − 1 / PLS.
10.Min vs Max integration time at 30 fps.
11. WDR measures expanded exposure latitude from linear mode DR.
12.Min/Max responsivity in a 30 fps image.
13.Saturation Illumination referenced to a 3 line time integration.


Similar Part No. - KAC-06040-ABA-JD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAC-06040-ABA-JD-AE ONSEMI-KAC-06040-ABA-JD-AE Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com