Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAE-02150-ABB-JP-FA Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAE-02150-ABB-JP-FA
Description  Interline CCD Image Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAE-02150-ABB-JP-FA Datasheet(HTML) 1 Page - ON Semiconductor

  KAE-02150-ABB-JP-FA Datasheet HTML 1Page - ON Semiconductor KAE-02150-ABB-JP-FA Datasheet HTML 2Page - ON Semiconductor KAE-02150-ABB-JP-FA Datasheet HTML 3Page - ON Semiconductor KAE-02150-ABB-JP-FA Datasheet HTML 4Page - ON Semiconductor KAE-02150-ABB-JP-FA Datasheet HTML 5Page - ON Semiconductor KAE-02150-ABB-JP-FA Datasheet HTML 6Page - ON Semiconductor KAE-02150-ABB-JP-FA Datasheet HTML 7Page - ON Semiconductor KAE-02150-ABB-JP-FA Datasheet HTML 8Page - ON Semiconductor KAE-02150-ABB-JP-FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 1
1
Publication Order Number:
KAE−02150/D
KAE-02150
1920 (H) x 1080 (V)
Interline CCD Image Sensor
The KAE−02150 Image Sensor is a 1080p (1920
× 1080) CCD in
a 2/3
″ optical format that provides exceptional imaging performance
in extreme low light applications. Each of the sensor’s four outputs
incorporate both a conventional horizontal CCD register and a high
gain EMCCD register.
An intra-scene switchable gain feature samples each charge packet
on a pixel-by-pixel basis
. This enables the camera system to determine
whether the charge will be routed through the normal gain output or
the EMCCD output based on a user selectable threshold. This feature
enables imaging in extreme low light, even when bright objects are
within a dark scene, allowing a single camera to capture quality
images from sunlight to starlight.
This image sensor is based on the 5.5-micron Interline Transfer
CCD Platform, and features extended dynamic range, excellent
imaging performance, and a flexible readout architecture that enables
use of 1, 2, or 4 outputs. A vertical overflow drain structure suppresses
image blooming, provides excellent MTF, and enables electronic
shuttering for precise exposure control.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD; with EMCCD
Total Number of Pixels
2004 (H)
× 1144 (V)
Number of Effective Pixels
1960 (H)
× 1120 (V)
Number of Active Pixels
1920 (H)
× 1080 (V)
Pixel Size
5.5
mm (H) × 5.5 mm (V)
Active Image Size
10.56 mm (H)
× 5.94 mm (V)
12.1 mm (Diag.),
2/3″ Optical Format
Aspect Ratio
16:9
Number of Outputs
1, 2, or 4
Charge Capacity
20,000 e
Output Sensitivity
44
mV/e
Quantum Efficiency
Mono / Color (RGB)
50% / 33%, 41%, 43%
Read Noise (20 MHz)
Normal Mode (1
× Gain)
Intra-Scene Mode (20
× Gain)
9erms
< 1 erms
Dark Current (0
°C)
Photodiode, VCCD
< 0.1 e/s, 6 e/s
Dynamic Range
Normal Mode (1
× Gain)
Intra-Scene Mode (20
× Gain)
68 dB
86 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 1000 X
Smear
−100 dB
Image Lag
< 1 e
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rate
Normal Mode, Intra-Scene Mode
60 fps (40 MHz), 30 fps (20 MHz)
Package
135 pin PGA
Cover Glass
Clear Glass, Taped
NOTE: All Parameters are specified at T = 0
°C unless otherwise noted.
www.onsemi.com
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
Features
Intra-Scene Switchable Gain
Wide Dynamic Range
Low Noise Architecture
Exceptional Low Light Imaging
Global Shutter
Excellent Image Uniformity and MTF
Bayer Color Pattern and Monochrome
Applications
Surveillance
Scientific Imaging
Medical Imaging
Intelligent Transportation
Figure 1. KAE−02150 Interline CCD
Image Sensor


Similar Part No. - KAE-02150-ABB-JP-FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAE-02150-ABB-JP-FA ONSEMI-KAE-02150-ABB-JP-FA Datasheet
817Kb / 40P
   Interline CCD Image Sensor
February, 2016 ??Rev. 2
KAE-02150-ABB-JP-FA ONSEMI-KAE-02150-ABB-JP-FA Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
More results

Similar Description - KAE-02150-ABB-JP-FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com