Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-4301-AAA-JP-AE Datasheet(PDF) 9 Page - ON Semiconductor

Part # KAF-4301-AAA-JP-AE
Description  FULL FRAME CCD IMAGE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-4301-AAA-JP-AE Datasheet(HTML) 9 Page - ON Semiconductor

Back Button KAF-4301-AAA-JP-AE Datasheet HTML 5Page - ON Semiconductor KAF-4301-AAA-JP-AE Datasheet HTML 6Page - ON Semiconductor KAF-4301-AAA-JP-AE Datasheet HTML 7Page - ON Semiconductor KAF-4301-AAA-JP-AE Datasheet HTML 8Page - ON Semiconductor KAF-4301-AAA-JP-AE Datasheet HTML 9Page - ON Semiconductor KAF-4301-AAA-JP-AE Datasheet HTML 10Page - ON Semiconductor KAF-4301-AAA-JP-AE Datasheet HTML 11Page - ON Semiconductor KAF-4301-AAA-JP-AE Datasheet HTML 12Page - ON Semiconductor KAF-4301-AAA-JP-AE Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
KAF-4301 Image Sensor
www.truesenseimaging.com
Revision 2.1 PS-0038Pg9
Pin
Name
Description
Pin
Name
Description
1
φV2
Vertical (Parallel) CCD Clock - Phase 2
40
φV2
Vertical (Parallel) CCD Clock - Phase 2
2
φV2
Vertical (Parallel) CCD Clock - Phase 2
39
φV2
Vertical (Parallel) CCD Clock - Phase 2
3
φV1
Vertical (Parallel) CCD Clock - Phase 1
38
φV1
Vertical (Parallel) CCD Clock - Phase 1
4
φV1
Vertical (Parallel) CCD Clock - Phase 1
37
φV1
Vertical (Parallel) CCD Clock - Phase 1
5
VSUB
Substrate
36
VSUB
Substrate
6
N/C
No Connection
35
N/C
No Connection
7
N/C
No Connection
34
N/C
No Connection
8
N/C
No Connection
33
N/C
9
VGUARD
Guard Ring
32
N/C
10
VSUB
Substrate
31
N/C
No Connection
11
VDD2
High Sensitivity Two-Stage Amplifier Supply
30
VGUARD
Guard Ring
12
VOUT2
Video Output from High Sensitivity Two-Stage Amplifier
29
VSUB
Substrate
13
VLG
First Stage Load Transistor Gate for Two-Stage Amplifier
28
φV1
Vertical (Parallel) CCD Clock - Phase 1
14
VSS
High Sensitivity Two-Stage Amplifier Return
27
φV2
Vertical (Parallel) CCD Clock - Phase 2
15
VRD
Reset Drain
26
φH1
Horizontal (Serial) CCD Clock - Phase 2
16
φR
Reset Clock
25
φH2
Horizontal (Serial) CCD Clock - Phase 1
17
VDD1
High Dynamic Range Single-Stage Amplifier Supply
24
φH22
Last Horizontal (Serial) CCD Phase - Split
Gate
18
VOUT1
Video Output from High Dynamic Range Single-Stage
Amplifier
23
φH21
Last Horizontal (Serial) CCD Phase - Split
Gate
19
VOG
Output Gate
22
VGUARD
Guard Ring
20
VSUB
Substrate
21
VSUB
Substrate
Notes:
1.
Pins 1, 2, 27, 39 and 40 must be connected together - only one Phase 2-clock driver is required.
2.
Pins 3, 4, 28, 37 and 38 must be connected together - only one Phase 1-clock driver is required.
3.
Pins 5, 10, 20, 21, 29 and 36 should be connected to a common potential.
4.
Pins 9, 22 and 30 should be connected to a common potential.


Similar Part No. - KAF-4301-AAA-JP-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
KAF-4320-AAA-JP-AE ONSEMI-KAF-4320-AAA-JP-AE Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
KAF-4320-AAA-JP-B1 ONSEMI-KAF-4320-AAA-JP-B1 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
KAF-4320-AAA-JP-B2 ONSEMI-KAF-4320-AAA-JP-B2 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
More results

Similar Description - KAF-4301-AAA-JP-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com