Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-02050-ABA-JD-BA Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAI-02050-ABA-JD-BA
Description  Interline CCD Image Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-02050-ABA-JD-BA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAI-02050-ABA-JD-BA Datasheet HTML 2Page - ON Semiconductor KAI-02050-ABA-JD-BA Datasheet HTML 3Page - ON Semiconductor KAI-02050-ABA-JD-BA Datasheet HTML 4Page - ON Semiconductor KAI-02050-ABA-JD-BA Datasheet HTML 5Page - ON Semiconductor KAI-02050-ABA-JD-BA Datasheet HTML 6Page - ON Semiconductor KAI-02050-ABA-JD-BA Datasheet HTML 7Page - ON Semiconductor KAI-02050-ABA-JD-BA Datasheet HTML 8Page - ON Semiconductor KAI-02050-ABA-JD-BA Datasheet HTML 9Page - ON Semiconductor KAI-02050-ABA-JD-BA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
KAI−02050
www.onsemi.com
6
Table 4. PGA PACKAGE PIN DESCRIPTION (continued)
Pin
Name
Description
25
Rb
Reset Gate, Quadrant b
26
RDb
Reset Drain, Quadrant b
27
GND
Ground
28
VOUTb
Video Output, Quadrant b
29
VDDb
Output Amplifier Supply, Quadrant b
30
V2B
Vertical CCD Clock, Phase 2, Bottom
31
V1B
Vertical CCD Clock, Phase 1, Bottom
32
V4B
Vertical CCD Clock, Phase 4, Bottom
33
V3B
Vertical CCD Clock, Phase 3, Bottom
34
ESD
ESD Protection Disable
35
V3T
Vertical CCD Clock, Phase 3, Top
36
DevID
Device Identification
37
V1T
Vertical CCD Clock, Phase 1, Top
38
V4T
Vertical CCD Clock, Phase 4, Top
39
VDDd
Output Amplifier Supply, Quadrant d
40
V2T
Vertical CCD Clock, Phase 2, Top
41
GND
Ground
42
VOUTd
Video Output, Quadrant d
43
Rd
Reset Gate, Quadrant d
44
RDd
Reset Drain, Quadrant d
45
H2SLd
Horizontal CCD Clock, Phase 2, Storage, Last Phase, Quadrant d
46
OGd
Output Gate, Quadrant d
47
H1Bd
Horizontal CCD Clock, Phase 1, Barrier, Quadrant d
48
H2Bd
Horizontal CCD Clock, Phase 2, Barrier, Quadrant d
49
H2Sd
Horizontal CCD Clock, Phase 2, Storage, Quadrant d
50
H1Sd
Horizontal CCD Clock, Phase 1, Storage, Quadrant d
51
N/C
No Connect
52
SUB
Substrate
53
H2Sc
Horizontal CCD Clock, Phase 2, Storage, Quadrant c
54
H1Sc
Horizontal CCD Clock, Phase 1, Storage, Quadrant c
55
H1Bc
Horizontal CCD Clock, Phase 1, Barrier, Quadrant c
56
H2Bc
Horizontal CCD Clock, Phase 2, Barrier, Quadrant c
57
H2SLc
Horizontal CCD Clock, Phase 2, Storage, Last Phase, Quadrant c
58
OGc
Output Gate, Quadrant c
59
Rc
Reset Gate, Quadrant c
60
RDc
Reset Drain, Quadrant c
61
GND
Ground
62
VOUTc
Video Output, Quadrant c
63
VDDc
Output Amplifier Supply, Quadrant c
64
V2T
Vertical CCD Clock, Phase 2, Top
65
V1T
Vertical CCD Clock, Phase 1, Top
66
V4T
Vertical CCD Clock, Phase 4, Top
67
V3T
Vertical CCD Clock, Phase 3, Top
68
ESD
EDS Protection Disable
1. Liked named pins are internally connected and should have a common drive signal.
2. N/C pins (17, 51) should be left floating.


Similar Part No. - KAI-02050-ABA-JD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02150 ONSEMI-KAI-02150 Datasheet
1Mb / 42P
   Interline CCD Image Sensor
April, 2015 ??Rev. 6
KAI-02150-AAA-JP-AE ONSEMI-KAI-02150-AAA-JP-AE Datasheet
1Mb / 42P
   Interline CCD Image Sensor
April, 2015 ??Rev. 6
KAI-02150-AAA-JP-BA ONSEMI-KAI-02150-AAA-JP-BA Datasheet
1Mb / 42P
   Interline CCD Image Sensor
April, 2015 ??Rev. 6
KAI-02150-ABA-FD-AE ONSEMI-KAI-02150-ABA-FD-AE Datasheet
1Mb / 42P
   Interline CCD Image Sensor
April, 2015 ??Rev. 6
KAI-02150-ABA-FD-BA ONSEMI-KAI-02150-ABA-FD-BA Datasheet
1Mb / 42P
   Interline CCD Image Sensor
April, 2015 ??Rev. 6
More results

Similar Description - KAI-02050-ABA-JD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com