Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-2020-FBA-CD-BA Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAI-2020-FBA-CD-BA
Description  Interline CCD Image Sensor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2020-FBA-CD-BA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAI-2020-FBA-CD-BA Datasheet HTML 2Page - ON Semiconductor KAI-2020-FBA-CD-BA Datasheet HTML 3Page - ON Semiconductor KAI-2020-FBA-CD-BA Datasheet HTML 4Page - ON Semiconductor KAI-2020-FBA-CD-BA Datasheet HTML 5Page - ON Semiconductor KAI-2020-FBA-CD-BA Datasheet HTML 6Page - ON Semiconductor KAI-2020-FBA-CD-BA Datasheet HTML 7Page - ON Semiconductor KAI-2020-FBA-CD-BA Datasheet HTML 8Page - ON Semiconductor KAI-2020-FBA-CD-BA Datasheet HTML 9Page - ON Semiconductor KAI-2020-FBA-CD-BA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
KAI−2020
www.onsemi.com
6
Horizontal Register to Floating Diffusion
Figure 5. Horizontal Register to Floating Diffusion Architecture
R
OG
H2B
H1B
H2S
H2B
H1S
H1B
RD
H1S
n+
Floating
Diffusion
n (burried channel)
n
n+
p (GND)
n (SUB)
n−
n−
n−
n−
The HCCD has a total of 1648 pixels. The 1640 vertical
shift registers (columns) are shifted into the center 1640
pixels of the HCCD. There are 4 pixels at both ends of the
HCCD, which receive no charge from a vertical shift
register. The first 4 clock cycles of the HCCD will be empty
pixels (containing no electrons). The next 16 clock cycles
will contain only electrons generated by dark current in the
VCCD and photodiodes. The next 1608 clock cycles will
contain photo−electrons (image data). Finally, the last 16
clock cycles will contain only electrons generated by dark
current in the VCCD and photodiodes. Of the 16 dark
columns, the first and last dark columns should not be used
for determining the zero signal level. Some light does leak
into the first and last dark columns. Only use the center 14
columns of the 16 column dark reference.
When the HCCD is shifting valid image data, the timing
inputs to the electronic shutter (SUB), VCCD (V1, V2), and
fast line dump (FD) should be not be pulsed. This prevents
unwanted noise from being introduced. The HCCD is a type
of charge coupled device known as a pseudo−two phase
CCD. This type of CCD has the ability to shift charge in two
directions. This allows the entire image to be shifted out to
the video L output, or to the video R output (left/right image
reversal). The HCCD is split into two equal halves of 824
pixels each. When operating the sensor in single output
mode the two halves of the HCCD are shifted in the same
direction. When operating the sensor in dual output mode
the two halves of the HCCD are shifted in opposite
directions. The direction of charge transfer in each half is
controlled by the H1BL, H2BL, H1BR, and H2BR timing
inputs.


Similar Part No. - KAI-2020-FBA-CD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-2020-10-40-A-EVK ONSEMI-KAI-2020-10-40-A-EVK Datasheet
865Kb / 37P
   1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
KAI-2020-12-20-A-EVK ONSEMI-KAI-2020-12-20-A-EVK Datasheet
865Kb / 37P
   1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
More results

Similar Description - KAI-2020-FBA-CD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com