Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-4011-CBA-CD-AE Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAI-4011-CBA-CD-AE
Description  INTERLINE CCD IMAGE SENSOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4011-CBA-CD-AE Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAI-4011-CBA-CD-AE Datasheet HTML 2Page - ON Semiconductor KAI-4011-CBA-CD-AE Datasheet HTML 3Page - ON Semiconductor KAI-4011-CBA-CD-AE Datasheet HTML 4Page - ON Semiconductor KAI-4011-CBA-CD-AE Datasheet HTML 5Page - ON Semiconductor KAI-4011-CBA-CD-AE Datasheet HTML 6Page - ON Semiconductor KAI-4011-CBA-CD-AE Datasheet HTML 7Page - ON Semiconductor KAI-4011-CBA-CD-AE Datasheet HTML 8Page - ON Semiconductor KAI-4011-CBA-CD-AE Datasheet HTML 9Page - ON Semiconductor KAI-4011-CBA-CD-AE Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
KAI-4011 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0016 Pg 6
Summary Specification
KAI-4011 Image Sensor
DESCRIPTION
The KAI-4011 Image Sensor is a high-performance 4-
million pixel sensor designed for a wide range of medical,
scientific and machine vision applications. The 7.4 μm
square pixels with microlenses provide high sensitivity
and the large full well capacity results in high dynamic
range. The two high-speed outputs and binning
capabilities allow for 16-50 frames per second (fps) video
rate for the progressively scanned images. The vertical
overflow
drain
structure
provides
antiblooming
protection and enables electronic shuttering for precise
exposure control. Other features include low dark
current, negligible lag and low smear.
FEATURES
High resolution
High sensitivity
High dynamic range
Low noise architecture
High frame rate
Binning capability for higher frame rate
Electronic shutter
APPLICATIONS
Machine Vision
Parameter
Value
Architecture
Interline CCD; Progressive Scan
Total Number of Pixels
2112 (H) x 2072 (V)
Number of Effective Pixels
2056 (H) x 2062 (V)
Number of Active Pixels
2048 (H) x 2048 (V)
Pixel Size
7.4 μm (H) x 7.4 μm (V)
Active Image Size
15.15 mm (H) x 15.15 mm (V)
21.43 mm (diagonal)
Aspect Ratio
1:1
Number of Outputs
1 or 2
Saturation Signal
40,000 e
-
Output Sensitivity
16 μV/e
-
Peak Quantum Efficiency
KAI-4011-ABA
KAI-4011-CBA (BGR)
55%
45%, 42%, 35%
Total System Noise
(at 40MHZ)
40 e
-
Total System Noise
(at 20MHz)
23 e
-
Dark Current
< 0.5 nA/cm
2
Dark Current Doubling
Temperature
7 °C
Dynamic Range
60 dB
Charge Transfer Efficiency
> 0.99999
Blooming Suppression
300X
Smear
80 dB
Image Lag
<10 e
-
Maximum Data Rate
40 MHz
Package
34 pin cerDIP
Cover Glass
AR Coated, 2 side
All parameters above are specified at T = 40 °C


Similar Part No. - KAI-4011-CBA-CD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-4021 ONSEMI-KAI-4021 Datasheet
1Mb / 56P
   INTERLINE CCD IMAGE SENSOR
JUNE 9, 2014 REV 1.1
KAI-4021-AAA-CR-AE ONSEMI-KAI-4021-AAA-CR-AE Datasheet
1Mb / 56P
   INTERLINE CCD IMAGE SENSOR
JUNE 9, 2014 REV 1.1
KAI-4021-AAA-CR-BA ONSEMI-KAI-4021-AAA-CR-BA Datasheet
1Mb / 56P
   INTERLINE CCD IMAGE SENSOR
JUNE 9, 2014 REV 1.1
KAI-4021-ABA-CD-AE ONSEMI-KAI-4021-ABA-CD-AE Datasheet
1Mb / 56P
   INTERLINE CCD IMAGE SENSOR
JUNE 9, 2014 REV 1.1
KAI-4021-ABA-CD-BA ONSEMI-KAI-4021-ABA-CD-BA Datasheet
1Mb / 56P
   INTERLINE CCD IMAGE SENSOR
JUNE 9, 2014 REV 1.1
More results

Similar Description - KAI-4011-CBA-CD-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com