Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4625 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LA4625
Description  2-channel 13.5W BTL Audio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4625 Datasheet(HTML) 3 Page - ON Semiconductor

  LA4625 Datasheet HTML 1Page - ON Semiconductor LA4625 Datasheet HTML 2Page - ON Semiconductor LA4625 Datasheet HTML 3Page - ON Semiconductor LA4625 Datasheet HTML 4Page - ON Semiconductor LA4625 Datasheet HTML 5Page - ON Semiconductor LA4625 Datasheet HTML 6Page - ON Semiconductor LA4625 Datasheet HTML 7Page - ON Semiconductor LA4625 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LA4625
No.6631-3/8
Block Diagram
R4
C9**
C8**
R5
RL
4
Ω
RL
4
Ω
-OUT2
+OUT2
+
Standby
SW
OFF
RIPPLE
FILTER
+
BIAS
CIRCUIT
STANDBY
SW
POP NOISE
PREVENTION
CIRCUIT
PREDRIVER
PREDRIVER
POWER
POWER
LOAD SHORT
PROTECTOR
OUTPUT PIN TO VCC
SHORT PROTECTOR
OUTPUT PIN TO VCC
SHORT PROTECTOR
OUTPUT PIN TO GND
SHORT PROTECTOR
OUTPUT PIN TO GND
SHORT PROTECTOR
PREDRIVER
PREDRIVER
POWER
POWER
OVER VOLTAGE /
SURGE PROTECTOR
THERMAL
SHUT DOWN
LOAD SHORT
PROTECTOR
VCC
+
+
ON
R1
10K
Ω
+5V
C4
2.2μF
10V
2.2μF
10V
C1
100μF/16V
VCC
C5
+
-OUT1
+OUT1
+
POWER
GND2
+
+
C3
C10
**
(POLYESTER FILM
CAPACITOR)
+
IN
C2
PRE GND
IN2
C3
C10
Sets the amplifier starting time
(Approximately 0.6 seconds when 33μF)
Impulse noise reduction
(Note : The device’s ability to withstand shorting
to VCC or shorting to ground when VCC is around
16V may be reduced as the value of this
capacitor is increased. We recommend 0.47μF.)
POWER
GND1
14
2
1
3
4
6
7
5
11
12
13
R2
C7**
C6**
R3
9
10
8
+
IN


Similar Part No. - LA4625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results

Similar Description - LA4625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
   For General Audio 20W 2-Channel BTL Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
   BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com