Electronic Components Datasheet Search |
|
LC88F5LA4ACS Datasheet(PDF) 11 Page - ON Semiconductor |
|
LC88F5LA4ACS Datasheet(HTML) 11 Page - ON Semiconductor |
11 / 33 page LC88F5LA4ACS No.A1860-11/33 Example 2: When data is being backed up in the HOLD mode, the H level output at any ports is not sustained and is unpredictable. Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSSA = 0V Parameter Symbol Applicable Pin /Remarks Conditions Specification VDD[V] min typ max unit Maximum supply voltage VDD max VDD1, VDD2, VDDA VDD1=VDD2=VDDA -0.3 +4.0 V VDD3 max VDD3 VDD3≤VDD -0.3 +4.0 Input voltage VI(1) CF1, RESB -0.3 VDD +0.3 Input/output voltage VIO(1) Ports 0, 1, 3 Port 6 PC0, PC1 -0.3 VDD +0.3 VIO(2) Ports 2 VDD3≤VDD -0.3 VDD3 +0.3 Peak output current IOPH (1) P04 to P07, P62 Ports 1, 2, 3 CMOS output selected Per applicable pin -7.5 mA IOPH (2) P00 to P03 P60 to P61 Per applicable pin -4.5 Average output current (Note 1-1) IOMH (1) P04 to P07, P62 Ports 1, 2, 3 CMOS output selected Per applicable pin -5 IOMH (2) P00 to P03 P60 to P61 Per applicable pin -2.5 Total output current ΣIOAH (1) P60 to P61 P00 to P03 Total of currents at applicable pins -10 ΣIOAH (2) P04 to P07 P31 to p37 Total of currents at applicable pins -15 ΣIOAH (3) Port 1 P30, P62 Total of currents at applicable pins -15 ΣIOAH (4) P04 to P07, P62 Ports 1, 3 Total of currents at applicable pins -30 ΣIOAH (5) Port 2 Total of currents at applicable pins -15 Note 1-1: Average output current refers to the average of output currents measured for a period of 100ms. Continued on next page. For backup VDD3 VDDA VDD1 LSI VSS1VSS2VSSA VDD2 Power supply Power supply |
Similar Part No. - LC88F5LA4ACS |
|
Similar Description - LC88F5LA4ACS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |