Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC88F52H0A Datasheet(PDF) 8 Page - ON Semiconductor

Part # LC88F52H0A
Description  16-bit 1-chip Microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88F52H0A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC88F52H0A Datasheet HTML 4Page - ON Semiconductor LC88F52H0A Datasheet HTML 5Page - ON Semiconductor LC88F52H0A Datasheet HTML 6Page - ON Semiconductor LC88F52H0A Datasheet HTML 7Page - ON Semiconductor LC88F52H0A Datasheet HTML 8Page - ON Semiconductor LC88F52H0A Datasheet HTML 9Page - ON Semiconductor LC88F52H0A Datasheet HTML 10Page - ON Semiconductor LC88F52H0A Datasheet HTML 11Page - ON Semiconductor LC88F52H0A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LC88F52H0A
No.A1659-8/38
Pin Assignment
TQFP100 (14×14) (Lead-free and halogen-free type)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
P41/INT7
P42
P43/SO1
P44/SI1/SB1
P45/SCK1
P46/PWM00
P47/PWM01
P27
P26/T5O
P25/T4O
P24/SM0DO
P23/SM0DA
P22/SM0CK
VDD2
VSS2
P21/INT5
P20/INT4
PD5/DA22
PD4/DA21
PD3/DA20
PD2/DA02
PD1/DA01
PD0/DA00
P17/U2TX
P16/U2RX
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
PB6/SM1DO
P70/AN8
P71/AN9
P72/AN10
P73/AN11
P74/AN12
P75/AN13
P76/AN14
P77/AN15
VSS4
VDD4
PA0
PA1
PA2
PA3
PA4/SL0CK
PA5/SL0DA
PA6/SL0DO
PA7
PC2/FILT
P50/P5INT0
P51/P5INT1
P52/P5INT2
P53/P5INT3
P54/P5INT4
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
Top view
LC88F52H0A


Similar Part No. - LC88F52H0A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

Similar Description - LC88F52H0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
LC88F5LA4ACS ONSEMI-LC88F5LA4ACS Datasheet
250Kb / 33P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC88F85D0A ONSEMI-LC88F85D0A Datasheet
307Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.10
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD784976A NEC-UPD784976A Datasheet
1Mb / 400P
   16-Bit Single-Chip Microcontroller
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
NEC
UPD78P4908 NEC-UPD78P4908 Datasheet
427Kb / 64P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
NXP Semiconductors
XA-H4 PHILIPS-XA-H4 Datasheet
225Kb / 42P
   Single-chip 16-bit microcontroller
1999 Sep 24
logo
Infineon Technologies A...
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com