Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC88F85D0A Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC88F85D0A
Description  16-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88F85D0A Datasheet(HTML) 2 Page - ON Semiconductor

  LC88F85D0A Datasheet HTML 1Page - ON Semiconductor LC88F85D0A Datasheet HTML 2Page - ON Semiconductor LC88F85D0A Datasheet HTML 3Page - ON Semiconductor LC88F85D0A Datasheet HTML 4Page - ON Semiconductor LC88F85D0A Datasheet HTML 5Page - ON Semiconductor LC88F85D0A Datasheet HTML 6Page - ON Semiconductor LC88F85D0A Datasheet HTML 7Page - ON Semiconductor LC88F85D0A Datasheet HTML 8Page - ON Semiconductor LC88F85D0A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LC88F85D0A
No.A1954-2/31
Minimum instruction cycle time (tCYC)
• 100ns (10MHz)
VDD = 4.5 to 5.5V
• 125ns (8MHz)
VDD = 3.0 to 5.5V
• 500ns (2MHz)
VDD = 2.0 to 5.5V
Ports
• Normal withstand voltage I/O ports
Ports whose I/O direction specifiable in 1-bit units:
20 (P0n, P1n, P20 to P23)
• LCD (Pins COM16/SEG0 to COM31/SEG15 are multiplexed with COM and SEG.)
LCD driver bias power supply pins
4 (VLCD1 to VLCD4)
Step-up capacitor pins
2 (CUP00, CUP01)
16 common mode
Segment output
64 (SEG0 to SEG63)
Common output
16 (COM0 to COM15)
32 common mode
Segment output
48 (SEG16 to SEG63)
Common output
32 (COM0 to COM31)
• Oscillation dedicated ports
4 (XT1, XT2, CF1, CF2)
• Reset pin
1 (RESB)
• TEST pin
1 (TEST)
• LCD port power pins
2 (LCDVSS0, LCDVSS1)
• Power pins
2 (VDD, VSS)
LCD
• LCD power supply
: Capacitor step-up type
• Number of dots
: 1024 (64 segments
× 16 commons) / 1536 (48 segments × 32 commons)
• Contrast
: Selectable from 16 levels
• LCD frame frequency : Selectable from 4 frequencies
Timers
• Timer 0: 16-bit timer that supports PWM/toggle outputs
<1> With 5-bit prescaler
<2> 8-bit PWM
× 2 / 8-bit timer + 8-bit PWM split mode selectable
<3> Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator
• Timer 1: 16-bit timer with a capture register
<1> With 5-bit prescaler
<2> Can be divided into 8-bit timer × 2 channels
<3> Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator
• Timer 3: 16-bit timer that supports PWM/toggle outputs
<1> With 8-bit prescaler
<2> 8-bit timer
× 2 channels / 8-bit timer + 8-bit PWM split mode selectable
<3> Clock source selectable from system clock, OSC0, OSC1, and external events
• Timer 4: 16-bit timer that supports toggle output
<1> Clock source selectable from system clock and prescaler 0
• Timer 5: 16-bit timer that supports toggle output
<1> Clock source selectable from system clock and prescaler 0
* The prescaler 0 consists of 4 bits and its clock source is selectable from the system clock, OSC0, and OSC1.
• Base timer
<1> The clock can be selected from OSC0 (32.768kHz crystal oscillator) and the frequency-divided output of the
system clock.
<2> Interrupts can be generated in 7 time schemes.
Realtime clock (RTC)
<1> Calendar function from January 1, 2000 to December 31, 2799 (with automatic leap year compensation)
<2> Independent counter configuration for century, year, month, day, hour, minute, and second
<3> Programmable count clock correction function


Similar Part No. - LC88F85D0A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
More results

Similar Description - LC88F85D0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
LC88F5LA4ACS ONSEMI-LC88F5LA4ACS Datasheet
250Kb / 33P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD784976A NEC-UPD784976A Datasheet
1Mb / 400P
   16-Bit Single-Chip Microcontroller
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
NEC
UPD78P4908 NEC-UPD78P4908 Datasheet
427Kb / 64P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
NXP Semiconductors
XA-H4 PHILIPS-XA-H4 Datasheet
225Kb / 42P
   Single-chip 16-bit microcontroller
1999 Sep 24
logo
Infineon Technologies A...
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com