Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCS142238 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCCS142238
Description  18-Bit Switchable Active SCSI-2 Bus Terminator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCCS142238 Datasheet(HTML) 1 Page - ON Semiconductor

  MCCS142238 Datasheet HTML 1Page - ON Semiconductor MCCS142238 Datasheet HTML 2Page - ON Semiconductor MCCS142238 Datasheet HTML 3Page - ON Semiconductor MCCS142238 Datasheet HTML 4Page - ON Semiconductor MCCS142238 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 2
© Motorola, Inc. 1997
1/97
18Bit Switchable Active
SCSI2 Bus Terminator (110Ω)
With Voltage Regulator and
Inverted Disconnect
The MCCS142238
™ is a precision 18-bit switchable active SCSI-2 bus
terminator with an on-board 2.85V regulator. When the Disconnect pin is
HIGH according to the truth table below, the MCCS142238 provides
110
Ω ±5% precision resistor pull-ups to a 2.85V reference for termination
of 18-bits in a SCSI-2 standard bus system interface.
When the Disconnect pin is LOW, the device outputs are in the high
impedance state on all 18 bits. The regulator is also turned off, greatly
reducing standby power. Even with no Termpwr applied, the outputs
remain in the high impedance state.
Complies With SCSI and SCSI-2 Standards
Pin Compatible With UC5609
For Opposite Disconnect Polarity See Motorola’s MCCS142236
18 Switchable 110Ω Terminating Resistors
4pF Channel Capacitance During Disconnect
Fully Supports Active Negation (Sinks Minimum of 220mA)
Built-In 2.85V Regulator With Low Dropout Voltage
Very Low Supply Current When Resistors Are Disabled (150µA Max)
–650mA Source Current
Thermal Shutdown Protection
Thin Profile Surface Mount Package: 28-Lead SOIC
The regulator has a guaranteed dropout voltage of less than 900mV, allowing regulation of supply voltages less than 4.0V. The
MCCS142238 is protected by thermal shutdown. Other features include low disconnect current (150
µA), over 220mA of active
negation current sink capability, and 4pF disconnect capacitance.
In 8-bit SCSI applications (“A” cable), only one MCCS142238 is needed at each end of the SCSI cable in order to terminate the
18 active signal lines.
For information on “Power Dissipation for Active SCSI Terminators,” refer to Motorola Application Note AN1408/D, available
through the Motorola Design–NET Fax System as “HOT–DOC” Number 1083, or through the Motorola Literature Distribution
Center.
TRUTH TABLE
Disconnect
Output
0
Z
1
Terminated
MCCS and Mfax are trademarks of Motorola, Inc.
MCCS142238
18-BIT SWITCHABLE
ACTIVE SCSI-2
BUS TERMINATOR
DW SUFFIX
28–LEAD WIDE SOIC PACKAGE
CASE 751F-04


Similar Part No. - MCCS142238

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCCS142233 MOTOROLA-MCCS142233 Datasheet
592Kb / 10P
   9-Bit Switchable SCSI Passive Bus Terminator
logo
ON Semiconductor
MCCS142236 ONSEMI-MCCS142236 Datasheet
159Kb / 5P
   18-Bit Switchable Active SCSI-2 Bus Terminator
February, 2010 ??Rev. 6
More results

Similar Description - MCCS142238

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCCS142236 ONSEMI-MCCS142236 Datasheet
159Kb / 5P
   18-Bit Switchable Active SCSI-2 Bus Terminator
February, 2010 ??Rev. 6
logo
Motorola, Inc
MCCS142233 MOTOROLA-MCCS142233 Datasheet
592Kb / 10P
   9-Bit Switchable SCSI Passive Bus Terminator
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com