Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS-PDIC17-57B-TR8 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ALS-PDIC17-57B-TR8
Description  Digital Ambient Light Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PDIC17-57B-TR8 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ALS-PDIC17-57B-TR8_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8_15 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8_15 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8_15 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8_15 Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-06-04 08:06:07.0
DATASHEET
SMD  I2C Digital Ambient Light Sensor
ALS-PDIC17-57B/TR8
9
Copyright © 2010, Everlight All Rights Reserved. Release Date : 5.27.2013. Issue No: DLS-0000049
Rev.2
www.everlight.com
Communication Protocol
ALS-PDIC17-57B contains an 8-bit command register that can be written and read via the I
2C bus. The command
register controls the overall operation of the device. There is a two-byte word read-only register that contains the latest
converted value of A/D converter. The I
2C slave address is hardwired internally as 0101001 (0x29, MSB to LSB, A6 to A0).
All the Send Byte protocol, the Receive Byte protocol and Receive Word protocol are implemented in ALS-PDIC17-57B.
The Send Byte protocol allows single bytes of data to be written to the device (see Figure 13-a). The written byte is
called the COMMAND byte. The Receive Byte protocol allows one-byte data to be read from the device (see Figure 13-b).
Two-byte data can be read by following the Receive Word Protocol shown in Figure 13-c. In Figure 13, the clear area
represents data sent by the host (master) and the shaded area represents data returned by the ambient light sensor (slave
device).
1
7
1
1
8
1
1
S
Slave Address
WR
A
Command Byte
A
P
0
0
0
(a) Send byte protocol
1
7
1
1
8
1
1
S
Slave Address
RD
A
Data
NA
P
1
0
1
(b) Receive byte protocol
1
7
1
1
8
1
8
1
1
S
Slave Address
RD
A
LS byte of ADC
A
MS byte of ADC
NA
P
1
0
0
1
(c) Receive word (two bytes) protocol
S
= start condition
P
= stop condition
Shaded
= slave transmission
A
= acknowledge
NA
= not acknowledge
WR
= write
RD
= read
Figure 13 Communication Protocol


Similar Part No. - ALS-PDIC17-57B-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8 Datasheet
603Kb / 19P
   Surface - Mount I2C Digital Ambient Light Sensor
More results

Similar Description - ALS-PDIC17-57B-TR8_15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
   Digital Ambient Light Sensor
logo
TEXAS ADVANCED OPTOELEC...
TSL4531 TAOS-TSL4531 Datasheet
164Kb / 16P
   DIGITAL AMBIENT LIGHT SENSOR
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
   DIGITAL AMBIENT LIGHT SENSOR
logo
Maxim Integrated Produc...
MAX44004 MAXIM-MAX44004 Datasheet
1Mb / 17P
   Digital Ambient Light Sensor
Rev 0; 5/12
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor
logo
KODENSHI_AUK CORP.
KOE1023A KODENSHI-KOE1023A Datasheet
169Kb / 3P
   Digital Output Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8 Datasheet
541Kb / 21P
   I2 Digital Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com